Electronic Components Datasheet Search
  English  ▼

X  

MAX4752 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4752
Description  0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4752 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4752 Datasheet HTML 1Page - Maxim Integrated Products MAX4752 Datasheet HTML 2Page - Maxim Integrated Products MAX4752 Datasheet HTML 3Page - Maxim Integrated Products MAX4752 Datasheet HTML 4Page - Maxim Integrated Products MAX4752 Datasheet HTML 5Page - Maxim Integrated Products MAX4752 Datasheet HTML 6Page - Maxim Integrated Products MAX4752 Datasheet HTML 7Page - Maxim Integrated Products MAX4752 Datasheet HTML 8Page - Maxim Integrated Products MAX4752 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
0.9
Ω, Low-Voltage, Single-Supply Quad SPST
Analog Switches
_______________________________________________________________________________________
5
Typical Operating Characteristics
(V+ = +3V and TA = +25°C, unless otherwise noted.)
ON-RESISTANCE vs. VCOM
VCOM (V)
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
03.6
V+ = 1.8V
V+ = 2.0V
V+ = 2.5V
V+ = 2.7V
V+ = 3.6V
V+ = 3.0V
V+ = 3.3V
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
VCOM (V)
2.7
2.4
0.3 0.6 0.9
1.5 1.8
1.2
2.1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
03.0
TA = +85
°C
TA = +25
°C
TA = -40
°C
TURN-ON/TURN-OFF TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.8
2.0
2.4
2
4
6
8
10
12
14
16
18
20
0
1.6
3.6
MAX4751
tON
tOFF
TURN-ON/TURN-OFF TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
2
4
6
8
10
0
-40
85
tON
tOFF
V+ = +3.0V
LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
10
100
1000
1
-40
85
ON
OFF
V+ = 3.0V
CHARGE INJECTION vs. VCOM
VCOM (V)
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
10
20
30
40
50
60
0
03.0
V+ = 3V
V+ = 1.8V
FREQUENCY RESPONSE
FREQUENCY (MHz)
100
10
1
0.1
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
-100
0.01
1000
ON-RESPONSE
CROSSTALK
OFF-ISOLATION
LOGIC THRESHOLD vs. SUPPLY VOLTAGE
V+ (V)
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
0.6
0.7
0.8
0.9
1.0
1.1
0.5
1.6
3.6
RISING
FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com