Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 104 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 104 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 100Page - Texas Instruments PCI7621 Datasheet HTML 101Page - Texas Instruments PCI7621 Datasheet HTML 102Page - Texas Instruments PCI7621 Datasheet HTML 103Page - Texas Instruments PCI7621 Datasheet HTML 104Page - Texas Instruments PCI7621 Datasheet HTML 105Page - Texas Instruments PCI7621 Datasheet HTML 106Page - Texas Instruments PCI7621 Datasheet HTML 107Page - Texas Instruments PCI7621 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 298 page
background image
4−14
4.24 Interrupt Pin Register
The value read from this register is function dependent. The default value for function 0 is 01h (INTA), the default value
for function 1 is 02h (INTB), the default value for function 2 is 03h (INTC), the default value for function 3 is 01h (INTA),
the default value for function 4 is 01h (INTA), the default value for function 5 is 01h (INTA). The value also depends
on the values of bits 28, the tie-all bit (TIEALL), and 29, the interrupt tie bit (INTRTIE), in the system control register
(PCI offset 80h, see Section 4.29). The INTRTIE bit is compatible with previous TI CardBus controllers, and when
set to 1, ties INTB to INTA internally. The TIEALL bit ties INTA, INTB, INTC, and INTD together internally. The internal
interrupt connections set by INTRTIE and TIEALL are communicated to host software through this standard register
interface. This read-only register is described for all PCI7x21/PCI7x11 functions in Table 4−6.
PCI function 0
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin − PCI function 0
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
1
PCI function 1
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin − PCI function 1
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
1
0
PCI function 2
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin − PCI function 2
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
1
1
PCI function 3
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin − PCI function 3
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
X
X
X
PCI function 4
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin − PCI function 4
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
X
X
X
PCI function 5
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin − PCI function 5
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com