Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 106 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 106 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 102Page - Texas Instruments PCI7621 Datasheet HTML 103Page - Texas Instruments PCI7621 Datasheet HTML 104Page - Texas Instruments PCI7621 Datasheet HTML 105Page - Texas Instruments PCI7621 Datasheet HTML 106Page - Texas Instruments PCI7621 Datasheet HTML 107Page - Texas Instruments PCI7621 Datasheet HTML 108Page - Texas Instruments PCI7621 Datasheet HTML 109Page - Texas Instruments PCI7621 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 298 page
background image
4−16
Table 4−7. Bridge Control Register Description (Continued)
BIT
SIGNAL
TYPE
FUNCTION
6 †
CRST
RW
CardBus reset. When this bit is set, the CRST signal is asserted on the CardBus interface. The CRST
signal can also be asserted by passing a PRST assertion to CardBus.
0 = CRST is deasserted.
1 = CRST is asserted (default).
This bit is not cleared by the assertion of PRST. It is only cleared by the assertion of GRST.
5
MABTMODE
RW
Master abort mode. This bit controls how the PCI7x21/PCI7x11 controller responds to a master abort when
the PCI7x21/PCI7x11 controller is an initiator on the CardBus interface. This bit is common between each
socket.
0 = Master aborts not reported (default).
1 = Signal target abort on PCI and signal SERR, if enabled.
4
RSVD
R
This bit returns 0 when read.
3
VGAEN
RW
VGA enable. This bit affects how the PCI7x21/PCI7x11 controller responds to VGA addresses. When this
bit is set, accesses to VGA addresses are forwarded.
2
ISAEN
RW
ISA mode enable. This bit affects how the PCI7x21/PCI7x11 controller passes I/O cycles within the
64-Kbyte ISA range. This bit is not common between sockets. When this bit is set, the PCI7x21/PCI7x11
controller does not forward the last 768 bytes of each 1K I/O range to CardBus.
1
CSERREN
RW
CSERR enable. This bit controls the response of the PCI7x21/PCI7x11 controller to CSERR signals on
the CardBus bus. This bit is separate for each socket.
0 = CSERR is not forwarded to PCI SERR (default)
1 = CSERR is forwarded to PCI SERR.
0
CPERREN
RW
CardBus parity error response enable. This bit controls the response of the PCI7x21/PCI7x11 to CardBus
parity errors. This bit is separate for each socket.
0 = CardBus parity errors are ignored (default).
1 = CardBus parity errors are reported using CPERR.
† One or more bits in this register are PME context bits and can be cleared only by the assertion of GRST when PME is enabled. If PME is not
enabled, then this bit is cleared by the assertion of PRST or GRST.
4.26 Subsystem Vendor ID Register
The subsystem vendor ID register, used for system and option card identification purposes, may be required for
certain operating systems. This register is read-only or read/write, depending on the setting of bit 5 (SUBSYSRW)
in the system control register (PCI offset 80h, See Section 4.29). When bit 5 is 0, this register is read/write; when bit 5
is 1, this register is read-only. The default mode is read-only. All bits in this register are reset by GRST only.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Subsystem vendor ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Subsystem vendor ID
Offset:
40h (Functions 0, 1)
Type:
Read-only, (Read/Write when bit 5 in the system control register is 0)
Default:
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com