Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 107 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 107 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 103Page - Texas Instruments PCI7621 Datasheet HTML 104Page - Texas Instruments PCI7621 Datasheet HTML 105Page - Texas Instruments PCI7621 Datasheet HTML 106Page - Texas Instruments PCI7621 Datasheet HTML 107Page - Texas Instruments PCI7621 Datasheet HTML 108Page - Texas Instruments PCI7621 Datasheet HTML 109Page - Texas Instruments PCI7621 Datasheet HTML 110Page - Texas Instruments PCI7621 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 298 page
background image
4−17
4.27 Subsystem ID Register
The subsystem ID register, used for system and option card identification purposes, may be required for certain
operating systems. This register is read-only or read/write, depending on the setting of bit 5 (SUBSYSRW) in the
system control register (PCI offset 80h, see Section 4.29). When bit 5 is 0, this register is read/write; when bit 5 is
1, this register is read-only. The default mode is read-only. All bits in this register are reset by GRST only.
If an EEPROM is present, then the subsystem ID and subsystem vendor ID is loaded from the EEPROM after a reset.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Subsystem ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Subsystem ID
Offset:
42h (Functions 0, 1)
Type:
Read-only, (Read/Write when bit 5 in the system control register is 0)
Default:
0000h
4.28 PC Card 16-Bit I/F Legacy-Mode Base-Address Register
The PCI7x21/PCI7x11 controller supports the index/data scheme of accessing the ExCA registers, which is mapped
by this register. An address written to this register is the address for the index register and the address+1 is the data
address. Using this access method, applications requiring index/data ExCA access can be supported. The base
address can be mapped anywhere in 32-bit I/O space on a word boundary; hence, bit 0 is read-only, returning 1 when
read. As specified in the PCI to PCMCIA CardBus Bridge Register Description specification, this register is shared
by functions 0 and 1. See the ExCA register set description in Section 5 for register offsets. All bits in this register
are reset by GRST only.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
PC Card 16-bit I/F legacy-mode base-address
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
PC Card 16-bit I/F legacy-mode base-address
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
Register:
PC Card 16-bit I/F legacy-mode base-address
Offset:
44h (Functions 0, 1)
Type:
Read-only, Read/Write
Default:
0000 0001h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com