Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 108 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 108 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 104Page - Texas Instruments PCI7421 Datasheet HTML 105Page - Texas Instruments PCI7421 Datasheet HTML 106Page - Texas Instruments PCI7421 Datasheet HTML 107Page - Texas Instruments PCI7421 Datasheet HTML 108Page - Texas Instruments PCI7421 Datasheet HTML 109Page - Texas Instruments PCI7421 Datasheet HTML 110Page - Texas Instruments PCI7421 Datasheet HTML 111Page - Texas Instruments PCI7421 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 298 page
background image
4−18
4.29 System Control Register
System-level initializations are performed through programming this doubleword register. Some of the bits are global
in nature and must be accessed only through function 0. See Table 4−8 for a complete description of the register
contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
System control
Type
RW
RW
RW
RW
RW
RW
RW
RW
R
RW
RW
RW
R
R
R
R
Default
0
0
0
0
1
0
0
0
0
1
0
0
0
1
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
System control
Type
RW
RW
R
R
R
R
R
R
R
RW
RW
RW
RW
R
RW
RW
Default
1
0
0
1
0
0
0
0
0
1
1
0
0
0
0
0
Register:
System control
Offset:
80h (Functions 0, 1)
Type:
Read-only, Read/Write
Default:
0844 9060h
Table 4−8. System Control Register Description
BIT
SIGNAL
TYPE
FUNCTION
31−30 ‡§
SER_STEP
RW
Serial input stepping. In serial PCI interrupt mode, these bits are used to configure the serial stream PCI
interrupt frames, and can be used to accomplish an even distribution of interrupts signaled on the four PCI
interrupt slots.
00 = INTA/INTB/INTC/INTD signal in INTA/INTB/INTC/INTD slots (default)
01 = INTA/INTB/INTC/INTD signal in INTB/INTC/INTD/INTA slots
10 = INTA/INTB/INTC/INTD signal in INTC/INTD/INTA/INTB slots
11 = INTA/INTB/INTC/INTD signal in INTD/INTA/INTB/INTC slots
29 ‡§
INTRTIE
RW
This bit ties INTA to INTB internally (to INTA), and reports this through the interrupt pin register (PCI offset
3Dh, see Section 4.24). This bit has no effect on INTC or INTD.
28 ‡
TIEALL
RW
This bit ties INTA, INTB, INTC, and INTD internally (to INTA), and reports this through the interrupt pin
register (PCI offset 3Dh, see Section 4.24).
27 ‡
PSCCLK
RW
P2C power switch clock. The PCI7x21/PCI7x11 CLOCK signal clocks the serial interface power switch
and the internal state machine. The default state for this bit is 0, requiring an external clock source provided
to the CLOCK terminal. Bit 27 can be set to 1, allowing the internal oscillator to provide the clock signal.
0 = CLOCK is provided externally, input to the PCI7x21/PCI7x11 controller.
1 = CLOCK is generated by the internal oscillator and driven by the PCI7x21/PCI7x11 controller.
(default)
26 ‡§
SMIROUTE
RW
SMI interrupt routing. This bit is shared between functions 0 and 1, and selects whether IRQ2 or CSC is
signaled when a write occurs to power a PC Card socket.
0 = PC Card power change interrupts are routed to IRQ2 (default).
1 = A CSC interrupt is generated on PC Card power changes.
25 ‡
SMISTATUS
RW
SMI interrupt status. This socket-dependent bit is set when a write occurs to set the socket power, and
the SMIENB bit is set. Writing a 1 to this bit clears the status.
0 = SMI interrupt is signaled.
1 = SMI interrupt is not signaled.
24 ‡§
SMIENB
RW
SMI interrupt mode enable. When this bit is set, the SMI interrupt signaling generates an interrupt when
a write to the socket power control occurs. This bit is shared and defaults to 0 (disabled).
0 = SMI interrupt mode is disabled (default).
1 = SMI interrupt mode is enabled.
23
RSVD
R
Reserved
‡ These bits are cleared only by the assertion of GRST.
§ These bits are global in nature and must be accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com