Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 111 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 111 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 107Page - Texas Instruments PCI7421 Datasheet HTML 108Page - Texas Instruments PCI7421 Datasheet HTML 109Page - Texas Instruments PCI7421 Datasheet HTML 110Page - Texas Instruments PCI7421 Datasheet HTML 111Page - Texas Instruments PCI7421 Datasheet HTML 112Page - Texas Instruments PCI7421 Datasheet HTML 113Page - Texas Instruments PCI7421 Datasheet HTML 114Page - Texas Instruments PCI7421 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 298 page
background image
4−21
4.31 General Control Register
The general control register provides top level PCI arbitration control. It also provides the ability to disable the 1394
OHCI function and provides control over miscellaneous new functionality. See Table 4−9 for a complete description
of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
General control
Type
R
R
RW
RW
RW
RW
R
R
R
R
RW
RW
RW
R
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
Register:
General control
Offset:
86h
Type:
Read/Write, Read-only
Default:
0003h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com