Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 218 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 218 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 214Page - Texas Instruments PCI7421 Datasheet HTML 215Page - Texas Instruments PCI7421 Datasheet HTML 216Page - Texas Instruments PCI7421 Datasheet HTML 217Page - Texas Instruments PCI7421 Datasheet HTML 218Page - Texas Instruments PCI7421 Datasheet HTML 219Page - Texas Instruments PCI7421 Datasheet HTML 220Page - Texas Instruments PCI7421 Datasheet HTML 221Page - Texas Instruments PCI7421 Datasheet HTML 222Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 298 page
background image
8−38
8.40 Asynchronous Context Control Register
The asynchronous context control set/clear register controls the state and indicates status of the DMA context. See
Table 8−31 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Asynchronous context control
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Asynchronous context control
Type
RSCU
R
R
RSU
RU
RU
R
R
RU
RU
RU
RU
RU
RU
RU
RU
Default
0
0
0
X
0
0
0
0
X
X
X
X
X
X
X
X
Register:
Asynchronous context control
Offset:
180h
set register
[ATRQ]
184h
clear register
[ATRQ]
1A0h
set register
[ATRS]
1A4h
clear register
[ATRS]
1C0h
set register
[ARRQ]
1C4h
clear register
[ARRQ]
1E0h
set register
[ARRS]
1E4h
clear register
[ARRS]
Type:
Read/Set/Clear/Update, Read/Set/Update, Read/Update, Read-only
Default:
0000 X0XXh
Table 8−31. Asynchronous Context Control Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−16
RSVD
R
Reserved. Bits 31−16 return 0s when read.
15
run
RSCU
Bit 15 is set to 1 by software to enable descriptor processing for the context and cleared by software
to stop descriptor processing. The PCI7x21/PCI7x11 controller changes this bit only on a system
(hardware) or software reset.
14−13
RSVD
R
Reserved. Bits 14 and 13 return 0s when read.
12
wake
RSU
Software sets bit 12 to 1 to cause the PCI7x21/PCI7x11 controller to continue or resume descriptor
processing. The PCI7x21/PCI7x11 controller clears this bit on every descriptor fetch.
11
dead
RU
The PCI7x21/PCI7x11 controller sets bit 11 to 1 when it encounters a fatal error, and clears the bit when
software clears bit 15 (run). Asynchronous contexts supporting out-of-order pipelining provide unique
ContextControl.dead functionality. See Section 7.7 in the 1394 Open Host Controller Interface
Specification (Release 1.1) for more information.
10
active
RU
The PCI7x21/PCI7x11 controller sets bit 10 to 1 when it is processing descriptors.
9−8
RSVD
R
Reserved. Bits 9 and 8 return 0s when read.
7−5
spd
RU
This field indicates the speed at which a packet was received or transmitted and only contains
meaningful information for receive contexts. This field is encoded as:
000 = 100M bits/sec
001 = 200M bits/sec
010 = 400M bits/sec
All other values are reserved.
4−0
eventcode
RU
This field holds the acknowledge sent by the link core for this packet or an internally generated error
code if the packet was not transferred successfully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com