Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 215 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 215 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 211Page - Texas Instruments PCI7421 Datasheet HTML 212Page - Texas Instruments PCI7421 Datasheet HTML 213Page - Texas Instruments PCI7421 Datasheet HTML 214Page - Texas Instruments PCI7421 Datasheet HTML 215Page - Texas Instruments PCI7421 Datasheet HTML 216Page - Texas Instruments PCI7421 Datasheet HTML 217Page - Texas Instruments PCI7421 Datasheet HTML 218Page - Texas Instruments PCI7421 Datasheet HTML 219Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 298 page
background image
8−35
8.37 Physical Request Filter High Register
The physical request filter high set/clear register enables physical receive requests on a per-node basis, and handles
the upper node IDs. When a packet is destined for the physical request context, and the node ID has been compared
against the ARRQ registers, then the comparison is done again with this register. If the bit corresponding to the node
ID is not set to 1 in this register, then the request is handled by the ARRQ context instead of the physical request
context. The node ID comparison is done if the source node is on the same bus as the PCI7x21/PCI7x11 controller.
Nonlocal bus-sourced packets are not acknowledged unless bit 31 in this register is set to 1. See Table 8−29 for a
complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Physical request filter high
Type
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Physical request filter high
Type
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Physical request filter high
Offset:
110h
set register
114h
clear register
Type:
Read/Set/Clear
Default:
0000 0000h
Table 8−29. Physical Request Filter High Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31
physReqAllBusses
RSC
If bit 31 is set to 1, all asynchronous requests received by the controller from nonlocal bus nodes
are accepted. Bit 31 is not cleared by a PRST.
30
physReqResource62
RSC
If bit 30 is set to 1 for local bus node number 62, physical requests received by the controller
from that node are handled through the physical request context.
29
physReqResource61
RSC
If bit 29 is set to 1 for local bus node number 61, physical requests received by the controller
from that node are handled through the physical request context.
28
physReqResource60
RSC
If bit 28 is set to 1 for local bus node number 60, physical requests received by the controller
from that node are handled through the physical request context.
27
physReqResource59
RSC
If bit 27 is set to 1 for local bus node number 59, physical requests received by the controller
from that node are handled through the physical request context.
26
physReqResource58
RSC
If bit 26 is set to 1 for local bus node number 58, physical requests received by the controller
from that node are handled through the physical request context.
25
physReqResource57
RSC
If bit 25 is set to 1 for local bus node number 57, physical requests received by the controller
from that node are handled through the physical request context.
24
physReqResource56
RSC
If bit 24 is set to 1 for local bus node number 56, physical requests received by the controller
from that node are handled through the physical request context.
23
physReqResource55
RSC
If bit 23 is set to 1 for local bus node number 55, physical requests received by the controller
from that node are handled through the physical request context.
22
physReqResource54
RSC
If bit 22 is set to 1 for local bus node number 54, physical requests received by the controller
from that node are handled through the physical request context.
21
physReqResource53
RSC
If bit 21 is set to 1 for local bus node number 53, physical requests received by the controller
from that node are handled through the physical request context.
20
physReqResource52
RSC
If bit 20 is set to 1 for local bus node number 52, physical requests received by the controller
from that node are handled through the physical request context.
19
physReqResource51
RSC
If bit 19 is set to 1 for local bus node number 51, physical requests received by the controller
from that node are handled through the physical request context.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com