Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 212 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 212 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 208Page - Texas Instruments PCI7421 Datasheet HTML 209Page - Texas Instruments PCI7421 Datasheet HTML 210Page - Texas Instruments PCI7421 Datasheet HTML 211Page - Texas Instruments PCI7421 Datasheet HTML 212Page - Texas Instruments PCI7421 Datasheet HTML 213Page - Texas Instruments PCI7421 Datasheet HTML 214Page - Texas Instruments PCI7421 Datasheet HTML 215Page - Texas Instruments PCI7421 Datasheet HTML 216Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 298 page
background image
8−32
8.35 Asynchronous Request Filter High Register
The asynchronous request filter high set/clear register enables asynchronous receive requests on a per-node basis,
and handles the upper node IDs. When a packet is destined for either the physical request context or the ARRQ
context, the source node ID is examined. If the bit corresponding to the node ID is not set to 1 in this register, then
the packet is not acknowledged and the request is not queued. The node ID comparison is done if the source node
is on the same bus as the PCI7x21/PCI7x11 controller. Nonlocal bus-sourced packets are not acknowledged unless
bit 31 in this register is set to 1. See Table 8−27 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Asynchronous request filter high
Type
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Asynchronous request filter high
Type
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Asynchronous request filter high
Offset:
100h
set register
104h
clear register
Type:
Read/Set/Clear
Default:
0000 0000h
Table 8−27. Asynchronous Request Filter High Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31
asynReqAllBuses
RSC
If bit 31 is set to 1, all asynchronous requests received by the controller from nonlocal bus nodes
are accepted.
30
asynReqResource62
RSC
If bit 30 is set to 1 for local bus node number 62, asynchronous requests received by the controller
from that node are accepted.
29
asynReqResource61
RSC
If bit 29 is set to 1 for local bus node number 61, asynchronous requests received by the controller
from that node are accepted.
28
asynReqResource60
RSC
If bit 28 is set to 1 for local bus node number 60, asynchronous requests received by the controller
from that node are accepted.
27
asynReqResource59
RSC
If bit 27 is set to 1 for local bus node number 59, asynchronous requests received by the controller
from that node are accepted.
26
asynReqResource58
RSC
If bit 26 is set to 1 for local bus node number 58, asynchronous requests received by the controller
from that node are accepted.
25
asynReqResource57
RSC
If bit 25 is set to 1 for local bus node number 57, asynchronous requests received by the controller
from that node are accepted.
24
asynReqResource56
RSC
If bit 24 is set to 1 for local bus node number 56, asynchronous requests received by the controller
from that node are accepted.
23
asynReqResource55
RSC
If bit 23 is set to 1 for local bus node number 55, asynchronous requests received by the controller
from that node are accepted.
22
asynReqResource54
RSC
If bit 22 is set to 1 for local bus node number 54, asynchronous requests received by the controller
from that node are accepted.
21
asynReqResource53
RSC
If bit 21 is set to 1 for local bus node number 53, asynchronous requests received by the controller
from that node are accepted.
20
asynReqResource52
RSC
If bit 20 is set to 1 for local bus node number 52, asynchronous requests received by the controller
from that node are accepted.
19
asynReqResource51
RSC
If bit 19 is set to 1 for local bus node number 51, asynchronous requests received by the controller
from that node are accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com