Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 242 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 242 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 238Page - Texas Instruments PCI7421 Datasheet HTML 239Page - Texas Instruments PCI7421 Datasheet HTML 240Page - Texas Instruments PCI7421 Datasheet HTML 241Page - Texas Instruments PCI7421 Datasheet HTML 242Page - Texas Instruments PCI7421 Datasheet HTML 243Page - Texas Instruments PCI7421 Datasheet HTML 244Page - Texas Instruments PCI7421 Datasheet HTML 245Page - Texas Instruments PCI7421 Datasheet HTML 246Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 298 page
background image
11−4
11.4 Status Register
The status register provides device information to the host system. All bit functions adhere to the definitions in the
PCI Local Bus Specification, as seen in the following bit descriptions. Bits in this register may be read normally. A
bit in the status register is reset when a 1 is written to that bit location; a 0 written to a bit location has no effect. See
Table 11−3 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Status
Type
RCU
RCU
RCU
RCU
RCU
R
R
RCU
R
R
R
R
RU
R
R
R
Default
0
0
0
0
0
0
1
0
0
0
0
1
0
0
0
0
Register:
Status
Offset:
06h
Type:
Read/Clear/Update, Read-only
Default:
0210h
Table 11−3. Status Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15
PAR_ERR
RCU
Detected parity error. Bit 15 is set to 1 when either an address parity or data parity error is detected.
14
SYS_ERR
RCU
Signaled system error. Bit 14 is set to 1 when SERR is enabled and the flash media controller has
signaled a system error to the host.
13
MABORT
RCU
Received master abort. Bit 13 is set to 1 when a cycle initiated by the flash media controller on the PCI
bus has been terminated by a master abort.
12
TABORT_REC
RCU
Received target abort. Bit 12 is set to 1 when a cycle initiated by the flash media controller on the PCI
bus was terminated by a target abort.
11
TABORT_SIG
RCU
Signaled target abort. Bit 11 is set to 1 by the flash media controller when it terminates a transaction
on the PCI bus with a target abort.
10−9
PCI_SPEED
R
DEVSEL timing. Bits 10 and 9 encode the timing of DEVSEL and are hardwired to 01b, indicating that
the flash media controller asserts this signal at a medium speed on nonconfiguration cycle accesses.
8
DATAPAR
RCU
Data parity error detected. Bit 8 is set to 1 when the following conditions have been met:
a. PERR was asserted by any PCI device including the flash media controller.
b. The flash media controller was the bus master during the data parity error.
c. Bit 6 (PERR_EN) in the command register at offset 04h in the PCI configuration space
(see Section 11.3) is set to 1.
7
FBB_CAP
R
Fast back-to-back capable. The flash media controller cannot accept fast back-to-back transactions;
therefore, bit 7 is hardwired to 0.
6
UDF
R
User-definable features (UDF) supported. The flash media controller does not support the UDF;
therefore, bit 6 is hardwired to 0.
5
66MHZ
R
66-MHz capable. The flash media controller operates at a maximum PCLK frequency of 33 MHz;
therefore, bit 5 is hardwired to 0.
4
CAPLIST
R
Capabilities list. Bit 4 returns 1 when read, indicating that the flash media controller supports additional
PCI capabilities.
3
INT_STATUS
RU
Interrupt status. This bit reflects the interrupt status of the function. Only when bit 10 (INT_DISABLE)
in the command register (see Section 11.3) is a 0 and this bit is 1, is the function’s INTx signal asserted.
Setting the INT_DISABLE bit to 1 has no effect on the state of this bit. This bit is set only when a valid
interrupt condition exists. This bit is not set when an interrupt condition exists and signaling of that event
is not enabled.
2−0
RSVD
R
Reserved. Bits 3−0 return 0s when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com