Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 245 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 245 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 241Page - Texas Instruments PCI7421 Datasheet HTML 242Page - Texas Instruments PCI7421 Datasheet HTML 243Page - Texas Instruments PCI7421 Datasheet HTML 244Page - Texas Instruments PCI7421 Datasheet HTML 245Page - Texas Instruments PCI7421 Datasheet HTML 246Page - Texas Instruments PCI7421 Datasheet HTML 247Page - Texas Instruments PCI7421 Datasheet HTML 248Page - Texas Instruments PCI7421 Datasheet HTML 249Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 298 page
background image
11−7
11.9 Subsystem Vendor Identification Register
The subsystem identification register, used for system and option card identification purposes, may be required for
certain operating systems. This read-only register is initialized through the EEPROM and can be written through the
subsystem access register at PCI offset 50h (see Section 11.22). All bits in this register are reset by GRST only.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Subsystem vendor identification
Type
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Subsystem vendor identification
Offset:
2Ch
Type:
Read/Update
Default:
0000h
11.10 Subsystem Identification Register
The subsystem identification register, used for system and option card identification purposes, may be required for
certain operating systems. This read-only register is initialized through the EEPROM and can be written through the
subsystem access register at PCI offset 50h (see Section 11.22). All bits in this register are reset by GRST only.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Subsystem identification
Type
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Subsystem identification
Offset:
2Eh
Type:
Read/Update
Default:
0000h
11.11
Capabilities Pointer Register
The power management capabilities pointer register provides a pointer into the PCI configuration header where the
power-management register block resides. Since the PCI power management registers begin at 44h, this read-only
register is hardwired to 44h.
Bit
7
6
5
4
3
2
1
0
Name
Capabilities pointer
Type
R
R
R
R
R
R
R
R
Default
0
1
0
0
0
1
0
0
Register:
Capabilities pointer
Offset:
34h
Type:
Read-only
Default:
44h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com