Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 249 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 249 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 245Page - Texas Instruments PCI7421 Datasheet HTML 246Page - Texas Instruments PCI7421 Datasheet HTML 247Page - Texas Instruments PCI7421 Datasheet HTML 248Page - Texas Instruments PCI7421 Datasheet HTML 249Page - Texas Instruments PCI7421 Datasheet HTML 250Page - Texas Instruments PCI7421 Datasheet HTML 251Page - Texas Instruments PCI7421 Datasheet HTML 252Page - Texas Instruments PCI7421 Datasheet HTML 253Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 298 page
background image
11−11
11.17 Power Management Capabilities Register
The power management capabilities register indicates the capabilities of the flash media controller related to PCI
power management. See Table 11−12 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Power management capabilities
Type
RU
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
1
1
1
1
1
1
0
0
0
0
0
0
0
1
0
Register:
Power management capabilities
Offset:
46h
Type:
Read/Update, Read-only
Default:
7E02h
Table 11−12. Power Management Capabilities Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15
PME_D3COLD
RU
PME support from D3cold. This bit can be set to 1 or cleared to 0 via bit 4 (D3_COLD) in the general
control register at offset 4Ch in the PCI configuration space (see Section 11.21). When this bit is set
to 1, it indicates that the controller is capable of generating a PME wake event from D3cold. This bit state
is dependent upon the PCI7x21/PCI7x11 VAUX implementation and may be configured by using bit 4
(D3_COLD) in the general control register (see Section 11.21).
14−11
PME_SUPPORT
R
PME support. This 4-bit field indicates the power states from which the flash media interface may
assert PME. This field returns a value of 1111b by default, indicating that PME may be asserted from
the D3hot, D2, D1, and D0 power states.
10
D2_SUPPORT
R
D2 support. Bit 10 is hardwired to 1, indicating that the flash media controller supports the D2 power
state.
9
D1_SUPPORT
R
D1 support. Bit 9 is hardwired to 1, indicating that the flash media controller supports the D1 power
state.
8−6
AUX_CURRENT
R
Auxiliary current. This 3-bit field reports the 3.3-VAUX auxiliary current requirements. When bit 15
(PME_D3COLD) is cleared, this field returns 000b; otherwise, it returns 001b.
000b = Self-powered
001b = 55 mA (3.3-VAUX maximum current required)
5
DSI
R
Device-specific initialization. This bit returns 0 when read, indicating that the flash media controller
does not require special initialization beyond the standard PCI configuration header before a generic
class driver is able to use it.
4
RSVD
R
Reserved. Bit 4 returns 0 when read.
3
PME_CLK
R
PME clock. This bit returns 0 when read, indicating that the PCI clock is not required for the flash media
controller to generate PME.
2−0
PM_VERSION
R
Power-management version. This field returns 010b when read, indicating that the flash media
controller is compatible with the registers described in the PCI Bus Power Management Interface
Specification (Revision 1.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com