Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 253 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 253 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 249Page - Texas Instruments PCI7421 Datasheet HTML 250Page - Texas Instruments PCI7421 Datasheet HTML 251Page - Texas Instruments PCI7421 Datasheet HTML 252Page - Texas Instruments PCI7421 Datasheet HTML 253Page - Texas Instruments PCI7421 Datasheet HTML 254Page - Texas Instruments PCI7421 Datasheet HTML 255Page - Texas Instruments PCI7421 Datasheet HTML 256Page - Texas Instruments PCI7421 Datasheet HTML 257Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 298 page
background image
11−15
11.23 Diagnostic Register
This register programs the M and N inputs to the PLL and enables the diagnostic modes. The default values for M
and N in this register set the PLL output to be 80 MHz, which is divided to get the 40 MHz and 20 MHz needed by
the flash media cores. See Table 11−16 for a complete description of the register contents. All bits in this register are
reset by GRST only.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Diagnostic
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Diagnostic
Type
R
R
R
R
R
R
R
R/W
R
R
R
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
1
0
0
0
0
0
1
0
1
Register:
Diagnostic
Type:
Read-only, Read/Write
Offset:
54h
Default:
0000 0105h
Table 11−16. Diagnostic Register Description
BIT
SIGNAL
TYPE
FUNCTION
31−17
TBD_CTRL
R
PLL control bits. These bits are reserved for PLL control and test bits.
16
DIAGNOSTIC
RW
Diagnostic test bit. This test bit shortens the PLL clock CLK_VALID time and shortens the card detect
debounce times for simulation and TDL.
15−11
RSVD
R
Reserved. Bits 15−11 return 0s when read.
10−8
PLL_N
RW
PLL_N input. The default value of this field is 01h.
7−5
RSVD
R
Reserved. Bits 7−5 return 0s when read.
4−0
PLL_M
RW
PLL_M input. The default value of this field is 05h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com