Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 250 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 250 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 246Page - Texas Instruments PCI7421 Datasheet HTML 247Page - Texas Instruments PCI7421 Datasheet HTML 248Page - Texas Instruments PCI7421 Datasheet HTML 249Page - Texas Instruments PCI7421 Datasheet HTML 250Page - Texas Instruments PCI7421 Datasheet HTML 251Page - Texas Instruments PCI7421 Datasheet HTML 252Page - Texas Instruments PCI7421 Datasheet HTML 253Page - Texas Instruments PCI7421 Datasheet HTML 254Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 298 page
background image
11−12
11.18 Power Management Control and Status Register
The power management control and status register implements the control and status of the flash media controller.
This register is not affected by the internally generated reset caused by the transition from the D3hot to D0 state. See
Table 11−13 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Power management control and status
Type
RCU
R
R
R
R
R
R
RW
R
R
R
R
R
R
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Power management control and status
Offset:
48h
Type:
Read/Clear, Read/Write, Read-only
Default:
0000h
Table 11−13. Power Management Control and Status Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15 ‡
PME_STAT
RCU
PME status. This bit defaults to 0.
14−13
DATA_SCALE
R
This field returns 0s, because the data register is not implemented.
12−9
DATA_SELECT
R
This field returns 0s, because the data register is not implemented.
8 ‡
PME_EN
RW
PME enable. Enables PME signaling. assertion is disabled.
7−2
RSVD
R
Reserved. Bits 7−2 return 0s when read.
1−0 ‡
PWR_STATE
RW
Power state. This 2-bit field determines the current power state and sets the flash media controller to
a new power state. This field is encoded as follows:
00 = Current power state is D0.
01 = Current power state is D1.
10 = Current power state is D2.
11 = Current power state is D3hot.
‡ One or more bits in this register are cleared only by the assertion of GRST.
11.19 Power Management Bridge Support Extension Register
The power management bridge support extension register provides extended power-management features not
applicable to the flash media controller; thus, it is read-only and returns 0 when read.
Bit
7
6
5
4
3
2
1
0
Name
Power management bridge support extension
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
Power management bridge support extension
Offset:
4Ah
Type:
Read-only
Default:
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com