Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 251 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 251 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 247Page - Texas Instruments PCI7421 Datasheet HTML 248Page - Texas Instruments PCI7421 Datasheet HTML 249Page - Texas Instruments PCI7421 Datasheet HTML 250Page - Texas Instruments PCI7421 Datasheet HTML 251Page - Texas Instruments PCI7421 Datasheet HTML 252Page - Texas Instruments PCI7421 Datasheet HTML 253Page - Texas Instruments PCI7421 Datasheet HTML 254Page - Texas Instruments PCI7421 Datasheet HTML 255Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 298 page
background image
11−13
11.20 Power Management Data Register
The power management bridge support extension register provides extended power-management features not
applicable to the flash media controller; thus, it is read-only and returns 0 when read.
Bit
7
6
5
4
3
2
1
0
Name
Power management data
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
Power management data
Offset:
4Bh
Type:
Read-only
Default:
00h
11.21 General Control Register
The general control register provides miscellaneous PCI-related configuration. See Table 11−14 for a complete
description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
General control
Type
R
R
R
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
General control
Offset:
4Ch
Type:
Read/Write, Read-only
Default:
00h
Table 11−14. General Control Register
BIT
FIELD NAME
TYPE
DESCRIPTION
7
RSVD
R
Reserved. Bit 7 returns 0 when read.
6−5 ‡
INT_SEL
RW
Interrupt select. These bits are program the INTPIN register and set which interrupt output is used.
This field is ignored if one of the USE_INTx terminals is asserted.
00 = INTA
01 = INTB
10 = INTC
11 = INTD
4 ‡
D3_COLD
RW
D3cold PME support. This bit sets and clears the D3cold PME support bit in the power management
capabilities register.
3
RSVD
R
Reserved. Bit 3 returns 0 when read.
2 ‡
SM_DIS
RW
SmartMedia disable. Setting this bit disables support for SmartMedia cards. The flash media
controller reports a SmardMedia card as an unsupported card if this bit is set. If this bit is set, then
all of the SM_SUPPORT bits in the socket enumeration register are 0.
1 ‡
MMC_SD_DIS
RW
MMC/SD disable. Setting this bit disables support for MMC/SD cards. The flash media controller
reports a MMC/SD card as an unsupported card if this bit is set. If this bit is set, then all of the
SD_SUPPORT bits in the socket enumeration register are 0.
0 ‡
MS_DIS
RW
Memory Stick disable. Setting this bit disables support for Memory Stick cards. The flash media
controller reports a Memory Stick card as an unsupported card if this bit is set. If this bit is set, then
all of the MS_SUPPORT bits in the socket enumeration register are 0.
‡ One or more bits in this register are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com