Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 260 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 260 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 256Page - Texas Instruments PCI7421 Datasheet HTML 257Page - Texas Instruments PCI7421 Datasheet HTML 258Page - Texas Instruments PCI7421 Datasheet HTML 259Page - Texas Instruments PCI7421 Datasheet HTML 260Page - Texas Instruments PCI7421 Datasheet HTML 261Page - Texas Instruments PCI7421 Datasheet HTML 262Page - Texas Instruments PCI7421 Datasheet HTML 263Page - Texas Instruments PCI7421 Datasheet HTML 264Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 298 page
background image
12−6
12.6 Latency Timer and Class Cache Line Size Register
The latency timer and class cache line size register is programmed by host BIOS to indicate system cache line size
and the latency timer associated with the SD host controller. See Table 12−5 for a complete description of the register
contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Latency timer and class cache line size
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Latency timer and class cache line size
Offset:
0Ch
Type:
Read/Write
Default:
0000h
Table 12−5. Latency Timer and Class Cache Line Size Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15−8
LATENCY_TIMER
RW
PCI latency timer. The value in this register specifies the latency timer for the SD host controller, in units
of PCI clock cycles. When the SD host controller is a PCI bus initiator and asserts FRAME, the latency
timer begins counting from zero. If the latency timer expires before the SD host transaction has
terminated, then the SD host controller terminates the transaction when its GNT is deasserted.
7−0
CACHELINE_SZ
RW
Cache line size. This value is used by the SD host controller during memory write and invalidate,
memory-read line, and memory-read multiple transactions.
12.7 Header Type and BIST Register
The header type and built-in self-test (BIST) register indicates the SD host controller PCI header type and no built-in
self-test. See Table 12−6 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Header type and BIST
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
Register:
Header type and BIST
Offset:
0Eh
Type:
Read-only
Default:
0080h
Table 12−6. Header Type and BIST Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15−8
BIST
R
Built-in self-test. The SD host controller does not include a BIST; therefore, this field returns 00h when
read.
7−0
HEADER_TYPE
R
PCI header type. The SD host controller includes the standard PCI header. Bit 7 indicates if the SD host
is a multifunction device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com