Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 261 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 261 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 257Page - Texas Instruments PCI7421 Datasheet HTML 258Page - Texas Instruments PCI7421 Datasheet HTML 259Page - Texas Instruments PCI7421 Datasheet HTML 260Page - Texas Instruments PCI7421 Datasheet HTML 261Page - Texas Instruments PCI7421 Datasheet HTML 262Page - Texas Instruments PCI7421 Datasheet HTML 263Page - Texas Instruments PCI7421 Datasheet HTML 264Page - Texas Instruments PCI7421 Datasheet HTML 265Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 298 page
background image
12−7
12.8 SD Host Base Address Register
The SD host base address register specifies the base address of the memory-mapped interface registers for each
standard SD host socket. The size of each base address register (BAR) is 256 bytes. The number of BARs is
dependent on the number of SD sockets in the implementation See Table 12−7 for a complete description of the
register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
SD host base address
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
SD host base address
Type
RW
RW
RW
RW
RW
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
SD host base address
Offset:
10h
Type:
Read/Write, Read-only
Default:
0000 0000h
Table 12−7. SD host Base Address Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−8
BAR
RW
Base address. This field specifies the upper 24 bits of the 32-bit starting base address. The size of
the base address is 256 bytes.
7−4
RSVD
R
Reserved. Bits 7−4 return 0s when read.
3
PREFETCHABLE
R
Prefetchable indicator. This bit is hardwired to 0 to indicate that the memory space is not prefetchable.
2−1
TYPE
R
This field is hardwired to 00 to indicate that the base address is located in 32-bit address space.
0
MEM_INDICATOR
R
Memory space indicator. Bit 0 is hardwired to 0 to indicate that the base address maps into memory
space.
12.9 Subsystem Vendor Identification Register
The subsystem identification register, used for system and option card identification purposes, may be required for
certain operating systems. This read-only register is initialized through the EEPROM and can be written through the
subsystem access register at PCI offset 8Ch (see Section 12.23). All bits in this register are reset by GRST only.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Subsystem vendor identification
Type
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Subsystem vendor identification
Offset:
2Ch
Type:
Read/Update
Default:
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com