Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 279 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 279 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 275Page - Texas Instruments PCI7421 Datasheet HTML 276Page - Texas Instruments PCI7421 Datasheet HTML 277Page - Texas Instruments PCI7421 Datasheet HTML 278Page - Texas Instruments PCI7421 Datasheet HTML 279Page - Texas Instruments PCI7421 Datasheet HTML 280Page - Texas Instruments PCI7421 Datasheet HTML 281Page - Texas Instruments PCI7421 Datasheet HTML 282Page - Texas Instruments PCI7421 Datasheet HTML 283Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 298 page
background image
13−7
13.9 Smart Card Base Address Register 1−4
Each socket has its own base address register. For example, a device supports three Smart Card sockets uses three
base address registers, BA1 (socket 0), BA2 (socket 1) and BA3 (socket 2).
These registers are used by this function to determine where to forward a memory transaction to the Smart Card
Control and Communication Register sets. Bits 31−12 of this register are read/write and allow the base address to
be located anywhere in the 32-bit PCI memory space on 4-Kbyte boundaries and the window size is always 4K bytes.
Bits 11−4 are read-only and always return 0s. Write transactions to these bits have no effect. Bit 3 (0b) specifies that
these windows are nonprefetchable. Bits 2−1 (00b) specify that this memory window can allocate anywhere in the
32-bit address space.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Smart Card base address register 1−4
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Smart Card base address register 1−4
Type
RW
RW
RW
RW
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Smart Card base address register 1−4
Offset:
14h, 18h, 1Ch, and 20h
Type:
Read/Write, Read-only
Default:
0000 0000h
13.10 Subsystem Vendor Identification Register
This register is read-update and can be modified through the subsystem vendor ID alias register. Default value is
104Ch. This default value complies with the WLP (Windows Logo Program) requirements without BIOS or EEPROM
configuration. All bits in this register are reset by GRST only.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Subsystem vendor identification
Type
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
Default
0
0
0
1
0
0
0
0
0
1
0
0
1
1
0
0
Register:
Subsystem vendor identification
Offset:
2Ch
Type:
Read/Update
Default:
104Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com