Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 281 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 281 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 277Page - Texas Instruments PCI7421 Datasheet HTML 278Page - Texas Instruments PCI7421 Datasheet HTML 279Page - Texas Instruments PCI7421 Datasheet HTML 280Page - Texas Instruments PCI7421 Datasheet HTML 281Page - Texas Instruments PCI7421 Datasheet HTML 282Page - Texas Instruments PCI7421 Datasheet HTML 283Page - Texas Instruments PCI7421 Datasheet HTML 284Page - Texas Instruments PCI7421 Datasheet HTML 285Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 298 page
background image
13−9
13.14 Interrupt Pin Register
This register decodes the interrupt select inputs and returns the proper interrupt value based on Table 13−7,
indicating that the Smart Card interface uses an interrupt. If one of the USE_INTx terminals is asserted, the interrupt
select bits are ignored, and this register returns the interrupt value for the highest priority USE_INTx terminal that is
asserted. If bit 28, the tie-all bit (TIEALL), in the system control register (PCI offset 80h, see Section 4.29) is set to
1, then the PCI7x21/PCI7x11 controller asserts the USE_INTA input to the Smart Card controller core. If bit 28
(TIEALL) in the system control register (PCI offset 80h, see Section 4.29) is set to 0, then none of the USE_INTx inputs
are asserted and the interrupt for the Smart Card function is selected by the INT_SEL bits in the Smart Card general
control register.
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
X
X
X
Register:
Interrupt pin
Offset:
3Dh
Type:
Read-only
Default:
0Xh
Table 13−7. PCI Interrupt Pin Register
INT_SEL BITS
USE_INTA
INTPIN
00
0
01h (INTA)
01
0
02h (INTB)
10
0
03h (INTC)
11
0
04h (INTD)
XX
1
01h (INTA)
13.15 Minimum Grant Register
The minimum grant register contains the minimum grant value for the Smart Card controller core.
Bit
7
6
5
4
3
2
1
0
Name
Minimum grant
Type
RU
RU
RU
RU
RU
RU
RU
RU
Default
0
0
0
0
0
0
0
0
Register:
Minimum grant
Offset:
3Eh
Type:
Read/Update
Default:
00h
Table 13−8. Minimum Grant Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
7−0
MIN_GNT
RU
Minimum grant. The contents of this field may be used by host BIOS to assign a latency timer register value
to the Smart Card controller. The default for this register indicates that the Smart Card controller may need
to sustain burst transfers for nearly 64
µs and thus request a large value be programmed in bits 15−8 of
the PCI7x21/PCI7x11 latency timer and class cache line size register at offset 0Ch in the PCI configuration
space (see Section 13.6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com