Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 285 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 285 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 281Page - Texas Instruments PCI7421 Datasheet HTML 282Page - Texas Instruments PCI7421 Datasheet HTML 283Page - Texas Instruments PCI7421 Datasheet HTML 284Page - Texas Instruments PCI7421 Datasheet HTML 285Page - Texas Instruments PCI7421 Datasheet HTML 286Page - Texas Instruments PCI7421 Datasheet HTML 287Page - Texas Instruments PCI7421 Datasheet HTML 288Page - Texas Instruments PCI7421 Datasheet HTML 289Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 298 page
background image
13−13
13.21 Power Management Data Register
The power management bridge support extension register provides extended power-management features not
applicable to the Smart Card controller; thus, it is read-only and returns 0 when read.
Bit
7
6
5
4
3
2
1
0
Name
Power management data
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
Power management data
Offset:
4Bh
Type:
Read-only
Default:
00h
13.22 General Control Register
This register controls this function. Information of this register can be read from the socket configuration register in
the Smart Card socket control register set. See Table 13−13 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
General control
Type
R
R
R
R
R
R
R
R
R
RW
RW
RW
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
General control
Offset:
4Ch
Type:
Read/Write (EEPROM, GRST only)
Default:
0000h
Table 13−13. General Control Register
BIT
FIELD NAME
TYPE
DESCRIPTION
15−7
RSVD
R
Reserved. Bits 15−7 return 0s when read.
6−5 ‡
INT_SEL
RW
Interrupt select. These bits are program the INTPIN register and set which interrupt output is used.
This field is ignored if one of the USE_INTx terminals is asserted.
00 = INTA (pin = 1)
01 = INTB (pin = 2)
10 = INTC (pin = 3)
11 = INTD (pin = 4)
4 ‡
D3_COLD
RW
Disable function. Setting this bit to 1 hides this function. PCI configuration register of this function
must be accessible at any time. Clock (PCI and 48 MHz) to the rest of the function blocks must be
gated to reduce power consumption.
3−0
RSVD
R
Reserved. Bits 3−0 return 0s when read.
‡ One or more bits in this register are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com