Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 288 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 288 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 284Page - Texas Instruments PCI7421 Datasheet HTML 285Page - Texas Instruments PCI7421 Datasheet HTML 286Page - Texas Instruments PCI7421 Datasheet HTML 287Page - Texas Instruments PCI7421 Datasheet HTML 288Page - Texas Instruments PCI7421 Datasheet HTML 289Page - Texas Instruments PCI7421 Datasheet HTML 290Page - Texas Instruments PCI7421 Datasheet HTML 291Page - Texas Instruments PCI7421 Datasheet HTML 292Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 298 page
background image
13−16
Table 13−15. Smart Card Configuration 1 Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−28
SCRTCH_PAD
RW
Scratch pad
27
CLASS_B_SKT3
R
Socket 3 Class B Smart Card support. Since socket 3 is not implemented in the controller, this
bit is a read-only 0.
26
CLASS_B_SKT2
RW
Socket 2 Class B Smart Card support. Since socket 2 is not implemented in the controller, this
bit is a read-only 0.
25
CLASS_B_SKT1
RW
Socket 1 Class B Smart Card support. When this bit is set to 1, socket 1 supports Class B Smart
Cards.
24
CLASS_B_SKT0
RW
Socket 0 Class B Smart Card support. When this bit is set to 1, socket 0 supports Class B Smart
Cards.
23
CLASS_A_SKT3
R
Socket 3 Class A Smart Card support. Since socket 3 is not implemented in the controller, this
bit is a read-only 0.
22
CLASS_A_SKT2
RW
Socket 2 Class A Smart Card support. Since socket 2 is not implemented in the controller, this
bit is a read-only 0.
21
CLASS_A_SKT1
RW
Socket 1 Class A Smart Card support. When this bit is set to 1, socket 1 supports Class A Smart
Cards.
20
CLASS_A_SKT0
RW
Socket 0 Class A Smart Card support. When this bit is set to 1, socket 0 supports Class A Smart
Cards.
19
EMVIF_EN_SKT3
R
Socket 3 EMV interface enable. Since socket 3 is not implemented in the controller, this bit is
a read-only 0.
18
EMVIF_EN_SKT2
RW
Socket 2 EMV interface enable. Since socket 2 is not implemented in the controller, this bit is
a read-only 0.
17
EMVIF_EN_SKT1
RW
Socket 1 EMV interface enable. When this bit is set to 1, the internal EVM interface for socket
1 is enabled.
16
EMVIF_EN_SKT0
RW
Socket 0 EMV interface enable. When this bit is set to 1, the internal EVM interface for socket
0 is enabled.
15
GPIO_EN_SKT3
R
Socket 3 GPIO enable. Since socket 3 is not implemented in the controller, this bit is a read-only
0.
14
GPIO_EN_SKT2
RW
Socket 2 GPIO enable. Since socket 2 is not implemented in the controller, this bit is a read-only
0.
13
GPIO_EN_SKT1
RW
Socket 1 GPIO enable. When this bit is set to 1, the SC_GPIOs for socket 1 are enabled.
12
GPIO_EN_SKT0
RW
Socket 0 GPIO enable. When this bit is set to 1, the SC_GPIOs for socket 0 are enabled.
11
PCMCIA_MODE_SKT3
R
Socket 3 PCMCIA mode. Since socket 3 is not implemented in the controller, this bit is a
read-only 0.
10
PCMCIA_MODE_SKT2
R
Socket 2 PCMCIA mode. Since socket 2 is not implemented in the controller, this bit is a
read-only 0.
9
PCMCIA_MODE_SKT1
R
Socket 1 PCMCIA mode. Since socket 1 is implemented as a dedicated socket in the controller,
this bit returns 1 when read.
8
PCMCIA_MODE_SKT0
R
Socket 0 PCMCIA mode. Since socket 0 is implemented as a dedicated socket in the controller,
this bit returns 1 when read.
7
PME_SUPPORT_SKT3
R
Socket 3 PME support. Since socket 3 is not implemented in the controller, this bit is a read-only
0.
6
PME_SUPPORT_SKT2
RW
Socket 2 PME support. Since socket 2 is not implemented in the controller, this bit is a read-only
0.
5
PME_SUPPORT_SKT1
RW
Socket 1 PME support. When this bit is set to 1, socket 1 card insertions cause a PME event.
4
PME_SUPPORT_SKT0
RW
Socket 0 PME support. When this bit is set to 1, socket 0 card insertions cause a PME event.
3
SKT3_EN
R
Socket 3 enable. Since socket 3 is not implemented in the controller, this bit is a read-only 0.
2
SKT2_EN
RW
Socket 2 enable. Since socket 2 is not implemented in the controller, this bit is a read-only 0.
1
SKT1_EN
RW
Socket 1 enable. When this bit is set to 1, socket 1 is enabled.
0
SKT0_EN
RW
Socket 0 enable. When this bit is set to 1, socket 0 is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com