Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 292 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 292 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 288Page - Texas Instruments PCI7421 Datasheet HTML 289Page - Texas Instruments PCI7421 Datasheet HTML 290Page - Texas Instruments PCI7421 Datasheet HTML 291Page - Texas Instruments PCI7421 Datasheet HTML 292Page - Texas Instruments PCI7421 Datasheet HTML 293Page - Texas Instruments PCI7421 Datasheet HTML 294Page - Texas Instruments PCI7421 Datasheet HTML 295Page - Texas Instruments PCI7421 Datasheet HTML 296Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 298 page
background image
14−2
Recommended Operating Conditions (continued)
OPERATION
MIN
NOM
MAX
UNIT
PCIk
3.3 V
0.5 VCCP
VCCP
PCIk
5 V
2
VCCP
3.3 V CardBus
0.475 VCC(A/B)
VCC(A/B)
VIH†
High-level input
PC Card
3.3 V 16-bit
2
VCC(A/B)
V
VIH†
High-level input
voltage
PC Card
5 V 16-bit
2.4
VCC(A/B)
V
voltage
PC(0−2)
0.7 VCC
VCC
Miscellaneous‡
2
VCC
SC_DATA, SC_FCB, SC_RFU
0.6 SC_VCC_5V
SC_VCC_5V
PCIk
3.3 V
0
0.3 VCCP
PCIk
5 V
0
0.8
3.3 V CardBus
0
0.325 VCC(A/B)
VIL†
Low-level input
PC Card
3.3 V 16-bit
0
0.8
V
VIL†
Low-level input
voltage
PC Card
5 V 16-bit
0
0.8
V
voltage
PC(0−2)
0
0.2 VCC
Miscellaneous‡
0
0.8
SC_DATA, SC_FCB, SC_RFU
0
0.5
PCIk
0
VCCP
VI
Input voltage
PC Card
0
VCC(A/B)
V
VI
Input voltage
Miscellaneous‡
0
VCC
V
SC_DATA, SC_FCB, SC_RFU
0
SC_VCC_5V
PCIk
0
VCC
VO§
Output voltage
PC Card
0
VCC
V
VO§
Output voltage
Miscellaneous‡
0
VCC
V
SC_CLK, SC_DATA, SC_FCB, SC_RFU, SC_RST
0
SC_VCC_5V
Input transition time
PCI and PC Card
1
4
tt
Input transition time
(tr and tf)
Miscellaneous‡
0
6
ns
tt
(tr and tf)
SC_DATA, SC_FCB, SC_RFU
0
1200
ns
IO
Output current
TPBIAS outputs
−5.6
1.3
mA
VID
Differential input
Cable inputs during data reception
118
260
mV
VID
Differential input
voltage
Cable inputs during arbitration
168
265
mV
VIC
Common-mode
TPB cable inputs, source power node
0.4706
2.515
V
VIC
Common-mode
input voltage
TPB cable inputs, nonsource power node
0.4706
2.015¶
V
tPU
Powerup reset time
GRST input
2
ms
† Applies to external inputs and bidirectional buffers without hysteresis
‡ Miscellaneous terminals are A03, B17, C15, C18, E05, E08, F19, H03, J01, J02, J03, J05, J06, J07, L02, L03, L05, M01, M02, M03, N01, N02,
N13, P12, P15, R02, R17, T01 (A_CCDx, A_CDx, A_CVSx, A_VSx, B_CCDx, B_CDx, B_CVSx, B_VSx, SD_DAT0, SD_DAT2, SD_DAT3,
SD_CMD, SD_CLK, SD_DAT1, SM_CLE, SC_CD, SC_OC, SC_PWR_CTRL, CLK_48, SDA, SCL, DATA, LATCH, TEST0, CNA, SUSPEND,
PHY_TEST_MA, and GRST terminals).
§ Applies to external output buffers
¶ For a node that does not source power, see Section 4.2.2.2 in IEEE Std 1394a−2000.
# These junction temperatures reflect simulation conditions. The customer is responsible for verifying junction temperature.
kMFUNC(0:6) share the same specifications as the PCI terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com