Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 296 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 296 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 290Page - Texas Instruments PCI7421 Datasheet HTML 291Page - Texas Instruments PCI7421 Datasheet HTML 292Page - Texas Instruments PCI7421 Datasheet HTML 293Page - Texas Instruments PCI7421 Datasheet HTML 294Page - Texas Instruments PCI7421 Datasheet HTML 295Page - Texas Instruments PCI7421 Datasheet HTML 296Page - Texas Instruments PCI7421 Datasheet HTML 297Page - Texas Instruments PCI7421 Datasheet HTML 298Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 296 / 298 page
background image
14−6
14.5 PCI Clock/Reset Timing Requirements Over Recommended Ranges of Supply
Voltage and Operating Free-Air Temperature
PARAMETER
ALTERNATE
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
tc
Cycle time, PCLK
tcyc
30
ns
tw(H)
Pulse duration (width), PCLK high
thigh
11
ns
tw(L)
Pulse duration (width), PCLK low
tlow
11
ns
tr, tf
Slew rate, PCLK
∆v/∆t
1
4
V/ns
tw
Pulse duration (width), GRST
trst
1
ms
tsu
Setup time, PCLK active at end of PRST
trst-clk
100
ms
14.6 Switching Characteristics for PHY Port Interface
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Jitter, transmit
Between TPA and TPB
±0.15
ns
Skew, transmit
Between TPA and TPB
±0.10
ns
tr
TP differential rise time, transmit
10% to 90%, at 1394 connector
0.5
1.2
ns
tf
TP differential fall time, transmit
90% to 10%, at 1394 connector
0.5
1.2
ns
14.7 Operating, Timing, and Switching Characteristics of XI
PARAMETER
MIN
TYP
MAX
UNIT
VDD
3.0
3.3
3.6
V (PLLVCC)
VIH
High-level input voltage
0.63 VCC
V
VIL
Low-level input voltage
0.33 VCC
V
Input clock frequency
24.576
MHz
Input clock frequency tolerance
<100
PPM
Input slew rate
0.2
4
V/ns
Input clock duty cycle
40%
60%
14.8 PCI Timing Requirements Over Recommended Ranges of Supply Voltage and
Operating Free-Air Temperature
This data manual uses the following conventions to describe time ( t ) intervals. The format is tA, where subscript A
indicates the type of dynamic parameter being represented. One of the following is used: tpd = propagation delay time,
td (ten, tdis) = delay time, tsu = setup time, and th = hold time.
PARAMETER
ALTERNATE
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
tpd
Propagation delay time, See Note 4
PCLK-to-shared signal
valid delay time
tval
CL = 50 pF,
11
ns
tpd
Propagation delay time, See Note 4
PCLK-to-shared signal
invalid delay time
tinv
CL = 50 pF,
See Note 4
2
ns
ten
Enable time, high impedance-to-active delay time from PCLK
ton
2
ns
tdis
Disable time, active-to-high impedance delay time from PCLK
toff
28
ns
tsu
Setup time before PCLK valid
tsu
7
ns
th
Hold time after PCLK high
th
0
ns
NOTE 4: PCI shared signals are AD31−AD0, C/BE3−C/BE0, FRAME, TRDY, IRDY, STOP, IDSEL, DEVSEL, and PAR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com