Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 295 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 295 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 290Page - Texas Instruments PCI7421 Datasheet HTML 291Page - Texas Instruments PCI7421 Datasheet HTML 292Page - Texas Instruments PCI7421 Datasheet HTML 293Page - Texas Instruments PCI7421 Datasheet HTML 294Page - Texas Instruments PCI7421 Datasheet HTML 295Page - Texas Instruments PCI7421 Datasheet HTML 296Page - Texas Instruments PCI7421 Datasheet HTML 297Page - Texas Instruments PCI7421 Datasheet HTML 298Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 295 / 298 page
background image
14−5
14.4 Electrical Characteristics Over Recommended Ranges of Operating Conditions
(unless otherwise noted)
14.4.1 Device
PARAMETER
TEST CONDITION
MIN
MAX
UNIT
VTH
Power status threshold, CPS input†
400-k
Ω resistor†
4.7
7.5
V
VO
TPBIAS output voltage
At rated IO current
1.665
2.015
V
II
Input current (PC0−PC2 inputs)
VCC = 3.6 V
5
µA
† Measured at cable power side of resistor.
14.4.2 Driver
PARAMETER
TEST CONDITION
MIN
MAX
UNIT
VOD
Differential output voltage
56
Ω, See Figure 14−1
172
265
mV
IDIFF
Driver difference current, TPA+, TPA−, TPB+, TPB−
Drivers enabled, speed signaling off
−1.05†
1.05†
mA
ISP200
Common-mode speed signaling current, TPB+, TPB−
S200 speed signaling enabled
−4.84‡
−2.53‡
mA
ISP400
Common-mode speed signaling current, TPB+, TPB−
S400 speed signaling enabled
−12.4‡
−8.10‡
mA
VOFF
Off state differential voltage
Drivers disabled, See Figure 14−1
20
mV
† Limits defined as algebraic sum of TPA+ and TPA− driver currents. Limits also apply to TPB+ and TPB− algebraic sum of driver currents.
‡ Limits defined as absolute limit of each of TPB+ and TPB− driver currents.
TPAx+
TPBx+
TPAx−
TPBx−
56
Ω
Figure 14−1. Test Load Diagram
14.4.3 Receiver
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ZID
Differential impedance
Drivers disabled
4
7
k
Ω
ZID
Differential impedance
Drivers disabled
4
pF
ZIC
Common-mode impedance
Drivers disabled
20
k
Ω
ZIC
Common-mode impedance
Drivers disabled
24
pF
VTH−R
Receiver input threshold voltage
Drivers disabled
−30
30
mV
VTH−CB
Cable bias detect threshold, TPBx cable inputs
Drivers disabled
0.6
1.0
V
VTH+
Positive arbitration comparator threshold voltage
Drivers disabled
89
168
mV
VTH−
Negative arbitration comparator threshold voltage
Drivers disabled
−168
−89
mV
VTH−SP200
Speed signal threshold
TPBIAS−TPA common mode
voltage, drivers disabled
49
131
mV
VTH−SP400
Speed signal threshold
TPBIAS−TPA common mode
voltage, drivers disabled
314
396
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com