Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 286 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 286 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 282Page - Texas Instruments PCI7421 Datasheet HTML 283Page - Texas Instruments PCI7421 Datasheet HTML 284Page - Texas Instruments PCI7421 Datasheet HTML 285Page - Texas Instruments PCI7421 Datasheet HTML 286Page - Texas Instruments PCI7421 Datasheet HTML 287Page - Texas Instruments PCI7421 Datasheet HTML 288Page - Texas Instruments PCI7421 Datasheet HTML 289Page - Texas Instruments PCI7421 Datasheet HTML 290Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 298 page
background image
13−14
13.23 Subsystem ID Alias Register
The contents of the subsystem access register are aliased to the subsystem vendor ID and subsystem ID registers
at PCI offsets 2Ch and 2Eh, respectively. See Table 13−14 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Subsystem ID alias
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
1
0
0
0
0
0
0
0
0
0
1
1
0
1
0
1
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Subsystem ID alias
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
1
0
0
0
0
0
1
0
0
1
1
0
0
Register:
Subsystem ID alias
Offset:
50h
Type:
Read/Write (EEPROM, GRST only)
Default:
8035 104Ch
Table 13−14. Subsystem ID Alias Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−16
SubsystemID
RW
Subsystem device ID. The value written to this field is aliased to the subsystem ID register at
PCI offset 2Eh.
15−0
SubsystemVendorID
RW
Subsystem vendor ID. The value written to this field is aliased to the subsystem vendor ID
register at PCI offset 2Ch.
13.24 Class Code Alias Register
This register is alias of the class code. Not like original register, this register is read/write and loadable from EEPROM.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Class code alias
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
1
1
1
1
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Class code alias
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Class code alias
Offset:
54h
Type:
Read-only, Read/Write (EEPROM, GRST only)
Default:
0780 0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com