Electronic Components Datasheet Search
  English  ▼

X  

MAX5733ACTN Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5733ACTN
Description  32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5733ACTN Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5733ACTN Datasheet HTML 9Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 10Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 11Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 12Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 13Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 14Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 15Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 16Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
32-Channel, 16-Bit, Voltage-Output
DACs with Serial Interface
______________________________________________________________________________________
13
PIN
NAME
FUNCTION
1, 42, 48
AVCC
Output-Amplifier Positive Supply Input. Bypass to VSS with a 0.1µF capacitor.
2
OUT9
DAC9 Buffered Analog Output Voltage
3
OUT8
DAC8 Buffered Analog Output Voltage
4
OUT7
DAC7 Buffered Analog Output Voltage
5
N.C.
No Connection. Internally connected. Do not make any connections to N.C.
6
OUT6
DAC6 Buffered Analog Output Voltage
7
OUT5
DAC5 Buffered Analog Output Voltage
8
OUT4
DAC4 Buffered Analog Output Voltage
9, 38
AGND
Analog Ground
10
OUT3
DAC3 Buffered Analog Output Voltage
11, 28, 39
VSS
Output-Amplifier Negative Supply Input
12
OUT2
DAC2 Buffered Analog Output Voltage
13
OUT1
DAC1 Buffered Analog Output Voltage
14
OUT0
DAC0 Buffered Analog Output Voltage
15
DSP
Digital Serial-Interface-Select Input. Drive low for DSP-interface mode. Drive high for SPI-interface mode.
16
CS
Active-Low Digital Chip-Select Input
17
DOUT
Digital Serial-Data Output. Use DOUT to daisy chain and read the contents of the DAC registers.
18
SCLK
Digital Serial-Clock Input
19
DIN
Digital Serial-Data Input
20
DVDD
Digital Power-Supply Input. Bypass to DGND with a 0.1µF capacitor.
21
DGND
Digital Ground
22
LDAC
Active-Low Digital Load DAC Input. Drive this asynchronous input low to transfer the contents of the
input register to their respective DAC registers and set all DAC outputs accordingly.
23
CLR
Active-Low Digital Clear Input. Drive this asynchronous input low to clear the contents of the input and
DAC registers and set all the DAC outputs to zero.
24
GS
Ground-Sense Analog Input. Offsets the DAC amplifier outputs by ±0.5V to compensate for a remote
system ground potential difference.
25, 49
REFGND
Reference Ground
26
REF
Analog Reference Voltage Input
27, 50
AVDD
Analog Power-Supply Input. Bypass to AGND with a 0.1µF capacitor.
29
OUT31
DAC31 Buffered Analog Output Voltage
30
OUT30
DAC30 Buffered Analog Output Voltage
31
OUT29
DAC29 Buffered Analog Output Voltage
32
OUT28
DAC28 Buffered Analog Output Voltage
33
OUT27
DAC27 Buffered Analog Output Voltage
34
OUT26
DAC26 Buffered Analog Output Voltage
35
OUT25
DAC25 Buffered Analog Output Voltage
36
OUT24
DAC24 Buffered Analog Output Voltage
37
OUT23
DAC23 Buffered Analog Output Voltage
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com