Electronic Components Datasheet Search
  English  ▼

X  

MAX5733ACTN Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX5733ACTN
Description  32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5733ACTN Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX5733ACTN Datasheet HTML 12Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 13Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 14Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 15Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 16Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 17Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 18Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 19Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
32-Channel, 16-Bit, Voltage-Output
DACs with Serial Interface
16
______________________________________________________________________________________
Detailed Description
The MAX5732–MAX5735 are 32-channel, 16-bit, volt-
age-output DACs (Figure 1). The devices accept a 3V
external reference input at REF. An internal offset DAC
allows all outputs to be offset (see Table 1). The devices
provide a ground-sensing function that allows the output
voltages to be referenced to a remote ground.
A 33MHz SPI-/QSPI/-MICROWIRE- and DSP-compatible
serial interface controls the MAX5732–MAX5735 (Figure 2).
Each DAC includes a double-buffered input structure to
minimize the digital noise feedthrough from the digital
inputs to the outputs, and allows for synchronous or
asynchronous updating of the outputs. The two buffers
are organized as an input register followed by a DAC
register that stores the contents of the output. Input reg-
isters update the DAC registers independently or simul-
taneously with a single software or hardware command.
The MAX5732–MAX5735 also have a DOUT that allows
for read-back or daisy chaining multiple devices.
The MAX5732–MAX5735 analog and digital sections
have separate power inputs. Separate power inputs are
also provided for the output buffer amplifiers.
Proprietary deglitch circuits prevent output glitches at
power-up and eliminate the need for power sequenc-
ing. A software-shutdown mode allows efficient power
management. The MAX5732–MAX5735 consume 50µA
of supply current in shutdown.
All DACs provide buffered outputs that can drive 10k
Ω
in parallel with 100pF. The MAX5732 has a 0 to +5V
output range; the MAX5733 has a 0 to +10V output
range; the MAX5734 has a -2.5V to +7.5V output range;
and the MAX5735 has a -5V to +5V output range.
The MAX5732–MAX5735 are available in a 56-pin 8mm
x 8mm thin QFN package and are specified over the
extended -40°C to +85°C temperature range.
External Reference Input (REF)
The REF voltage sets the full-scale output voltage for all
32 DACs. REF accepts a +3V ±3% input. Reference
voltages outside these limits can result in a degradation
of device performance.
REF is a buffered input. The typical input impedance is
10M
Ω, and it does not vary with code. Use a high-
accuracy, low-noise voltage reference such as the
MAX6126AASA30 (3ppm/°C temp drift and 0.02% initial
accuracy) to improve static accuracy. REF does not
accept AC signals.
Ground Sense (GS)
The MAX5732–MAX5735 include a GS that allows the
output voltages to be referenced to a remote ground.
The GS input voltage range (VGS) is -0.5V to +0.5V.
VGS is added to the output voltage with unity gain. The
resulting output voltage must be within the valid output-
voltage range set by the power supplies. See the
Output Amplifiers (OUT0–OUT31) section for the effect
of the GS inputs on the DAC outputs.
Offset DAC
The MAX5732–MAX5735 feature an offset DAC that
determines the output voltage range. While each part
number has an output voltage range associated with it,
SCLK
XX
1
2
3
32
X
DIN
D0
C0
C1
C2
tCL
tCH
tDH
tDS
tCS2
tCS1
tCSS
tSCS
tCSPWL
tCSPWH
CS
(DSP MODE)
CS
(
µC MODE)
Figure 2. Serial-interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com