Electronic Components Datasheet Search
  English  ▼

X  

MAX5733ACTN Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX5733ACTN
Description  32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5733ACTN Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX5733ACTN Datasheet HTML 14Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 15Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 16Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 17Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 18Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 19Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 20Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 21Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
32-Channel, 16-Bit, Voltage-Output
DACs with Serial Interface
18
______________________________________________________________________________________
A software command can also activate the
LDAC oper-
ation. To activate
LDAC by software, set control bits
C2, C1, and C0 = 010, address bits A5–A0 = 111111,
and all data bits to don’t care. See Table 3 for the data
format. This operation updates all DAC outputs.
Note: The software load DAC does not affect the offset DAC.
Clear (
CLR)
The MAX5732–MAX5735 feature an active-low
CLR
logic input that sets all channels including the offset
DAC to 0V (code 0000hex). The offset DAC needs to be
reprogrammed after
CLR is asserted. Driving CLR low
clears the contents of both the input and DAC registers.
The serial interface can also issue a software clear com-
mand. Setting the control bits C2, C1, and C0 = 111
(Table 4) performs the same function as driving logic-
input
CLR low. Table 4 shows the clear-data format for
the software-controlled clear command. This register-
reset process cannot be interrupted. All serial input data
is ignored until the entire reset process is complete.
Serial Interface
A 3-wire SPI-/QSPI-/MICROWIRE- and DSP-compatible
serial interface controls the MAX5732–MAX5735. The
interface requires a 32-bit command word to control the
device. The command word consists of 3 control bits, 6
address bits, 7 don’t-care bits, and 16 data bits. Table 5
shows the general serial-data format. The control bits
control various write and read commands as well as the
load DAC and clear commands. Table 6 shows the con-
trol-bit functions. The address bits select the register(s)
to be written. Table 7 shows the address functions. The
data bits control the value of the DAC outputs.
Table 3. Load-DAC Data Format
CONTROL
BITS
ADDRESS
BITS
DON’T-
CARE
BITS
DATA BITS
C2, C1,
AND C0
A5–A0
—
D15–D0
010
111111
XXXXXXX
XXXXXXXXXXXXXXXX
Table 4. Clear-Data Format
CONTROL
BITS
ADDRESS
BITS
DON’T-
CARE
BITS
DATA BITS
C2, C1,
AND C0
A5–A0
—
D15–D0
111
See table 7
XXXXXXX
XXXXXXXXXXXXXXXX
Table 5. Serial-Data Format
CONTROL
BITS
ADDRESS
BITS
DON’T-
CARE
BITS
DATA BITS
MSB
LSB
C2, C1,
and C0
A5–A0
XXXXXXX
D15–D0
Table 6. Control-Bit Functions
CONTROL
BITS
C2 C1 C0
CONTROL-BIT DESCRIPTION
00
0
No operation (NOP); no internal registers
change state. The NOP command can be
passed to DOUT depending on the state of the
configuration register. Address bits A5–A0 and
data bits D15–D0 are ignored.
00
1
Loads D15–D0 into the input register(s) for the
selected address. Depending on the address
bits, this command could write to:
The configuration register (A[5:0] = 100001)
One of the input registers of the 32 DAC channels
All 32 DAC input registers (A[5:0] = 111111)
The offset DAC input register (A[5:0] = 100000)
01
0
Loads DAC register(s) from the input register(s).
Depending on the address bits, this command
can update one or all of the DAC registers from
the stored input register value(s). Data bits
D15–D0 are ignored.
01
1
Write-through; loads D15–D0 into the input and
DAC registers, depending on the address bits.
10
0
Read command; depending on the address bits,
one of the DAC-register values or the
configuration-register value may be read back
through DOUT. Data bits D15–D0 are ignored.
1
0
1
Reserved for internal testing; do not use.
1
1
0
Reserved for internal testing; do not use.
11
1
Clear register(s); depending on the address bits,
one or all registers (except the offset-DAC registers)
are cleared to zero. Data bits D15–D0 are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com