Electronic Components Datasheet Search
  English  ▼

X  

MAX5733ACTN Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5733ACTN
Description  32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5733ACTN Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5733ACTN Datasheet HTML 1Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 2Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 3Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 4Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 5Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 6Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 7Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 8Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
32-Channel, 16-Bit, Voltage-Output
DACs with Serial Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX5732 (0 to +5V Output Voltage Range) (continued)
(AVCC = +5.25V to +5.5V (Note 1), AVDD = +5V ±5%, DVDD = +2.7V to AVDD, VSS = AGND = DGND = REFGND = GS = 0, VREF =
+3.0V, RL =
∞, CL = 50pF referenced to ground, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Capacitive Load to Ground
50
100
pF
DC Output Impedance
0.1
Ω
Sourcing, full-scale code, output connected
to AGND
5
Short-Circuit Current
Sinking, zero-scale code, output connected
to AVCC
-5
mA
GROUND-SENSE ANALOG INPUT (GS)
Input Voltage Range
VGS
Relative to AGND
-0.5
+0.5
V
GS Gain
AGS
0.995
1.000
1.005
V/V
Input Resistance
-0.5V
≤ VGS ≤ +0.5V, VSS = -0.5V
35
k
Ω
REFERENCE INPUT (REF)
Input Resistance
1M
Ω
Reference Input Voltage Range
VREF
Referred to REFGND
2.900
3.000
3.100
V
DIGITAL INPUTS (
CS, SCLK, DIN, LDAC, CLR, DSP)
DVDD = +2.7V to +3.6V
0.7
×
DVDD
Input-Voltage High
VIH
DVDD = +4.75V to +5.25V
2.4
V
Input-Voltage Low
VIL
0.8
V
Input Capacitance
CIN
10
pF
Input Current
IIN
Digital inputs = 0 or DVDD
±1
µA
POWER REQUIREMENTS (AVCC, VSS, AGND, AVDD, DVDD, DGND)
Output-Amplifier Positive Supply
Voltage
AVCC
4.75
5.50
V
Output-Amplifier Negative Supply
Voltage
VSS
-0.5
0V
Output-Amplifier Supply Voltage
Difference
AVCC - VSS
5.75
V
Analog Supply Voltage
AVDD
4.75
5.25
V
Digital Supply Voltage
DVDD
2.70
5.25
V
VOUT0 through VOUT31 = 0
10
15
mA
Analog Supply Current
AIDD
Software shutdown
10
µA
VIH = DVDD, VIL = 0, fSCLK = 20MHz
2.5
3.5
Digital Supply Current
DIDD
VIH = +2.4V, VIL = +0.8V, fSCLK = 20MHz
5
6.5
mA
VOUT0 through VOUT31 = 0
4
10
mA
Output-Amplifier Positive Supply
Current
AICC
Software shutdown
20
µA
VOUT0 through VOUT31 = 0
-4
-10
mA
Output-Amplifier Negative Supply
Current
ISS
VSS = -0.5V
Software shutdown
-20
µA
Power-Supply Rejection Ratio
PSRR
-95
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com