Electronic Components Datasheet Search
  English  ▼

X  

MAX5733ACTN Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX5733ACTN
Description  32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5733ACTN Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX5733ACTN Datasheet HTML 18Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 19Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 20Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 21Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 22Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 23Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 24Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 25Page - Maxim Integrated Products MAX5733ACTN Datasheet HTML 26Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
32-Channel, 16-Bit, Voltage-Output
DACs with Serial Interface
______________________________________________________________________________________
25
Selector Guide
PART
INL (MAX LSB)
OUTPUT VOLTAGE
RANGE (V)
MAX5732ACTN
±8
0 to +5
MAX5732BCTN
±16
0 to +5
MAX5732CCTN
±64
0 to +5
MAX5732AETN
±8
0 to +5
MAX5732BETN
±16
0 to +5
MAX5732CETN
±64
0 to +5
MAX5733ACTN
±8
0 to +10
MAX5733BCTN
±16
0 to +10
MAX5733CCTN
±64
0 to +10
MAX5733AETN
±8
0 to +10
MAX5733BETN
±16
0 to +10
MAX5733CETN
±64
0 to +10
MAX5734ACTN
±8
-2.5 to +7.5
MAX5734BCTN
±16
-2.5 to +7.5
MAX5734CCTN
±64
-2.5 to +7.5
MAX5734AETN
±8
-2.5 to +7.5
MAX5734BETN
±16
-2.5 to +7.5
MAX5734CETN
±64
-2.5 to +7.5
MAX5735ACTN
±8
-5 to +5
MAX5735BCTN
±16
-5 to +5
MAX5735CCTN
±64
-5 to +5
MAX5735AETN
±8
-5 to +5
MAX5735BETN
±16
-5 to +5
MAX5735CETN
±64
-5 to +5
Pin Configuration
TOP VIEW
MAX5732
MAX5733
MAX5734
MAX5735
VSS
OUT3
AGND
OUT4
OUT5
OUT6
OUT0
OUT1
OUT2
N.C.
OUT7
OUT8
OUT9
AVCC
11
10
9
8
7
6
5
4
3
2
14
13
12
1
EXPOSED PADDLE
8mm x 8mm THIN QFN-EP
20
19
18
17
16
24
23
22
21
15
26
25
28
27
29
30
31
32
33
34
35
36
37
38
AGND
OUT23
OUT24
OUT25
OUT26
OUT27
OUT28
OUT29
OUT30
OUT31
39
VSS
40
41
OUT21
OUT22
42
AVCC
46
47
48
49
50
43
44
45
51
52
53
54
55
56
Chip Information
TRANSISTOR COUNT: 152,000
PROCESS: BiCMOS
breakdown voltages. Some devices require external
protection on their reference inputs to satisfy absolute
maximum ratings. The MAX5734 features outputs that
are almost rail-to-rail. This allows the AVCC and VSS
supplies to be set to voltages within the absolute maxi-
mum ratings of the PEIC. This guarantees that the PEIC
is protected in all situations.
Additional protection is provided by the MAX5734
glitch-free power-up into the clear state with all DAC
outputs set to approximately 0V. Either the serial port or
the
CLR input can assert the clear function.
Power Supplies, Bypassing,
Decoupling, and Layout
Grounding and power-supply decoupling strongly influ-
ence device performance. Digital signals can couple
through the reference input, power supplies, and ground
connection. Proper grounding and layout can reduce
digital feedthrough and crosstalk. Bypass all power sup-
plies with an additional 0.1µF and 1µF on each pin, as
close to the device as possible. Refer to the MAX5732–
MAX5735 evaluation kit for a suggested layout.
The MAX5732–MAX5735 have four separate power
supplies. AVDD powers the internal analog circuitry
(except for the output buffers) and DVDD powers the
digital section of the device. AVCC and VSS power the
output buffers.
The MAX5732–MAX5735 feature an exposed paddle on
the backside of the package for improved power dissi-
pation. The exposed paddle is electrically connected to
VSS, and should be soldered to a large copper plane
that shares the same potential. For more information on
the exposed paddle QFN package, refer to the following
website: http://pdfserv.maxim-ic.com/arpdf/AppNotes/
4hfan081.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com