Electronic Components Datasheet Search
  English  ▼

X  

LMX2353TM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2353TM
Description  PLLatinum??Fractional N Single 2.5 GHz Frequency Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2353TM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMX2353TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 9Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 10Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 11Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 12Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 13Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2.0 Programming Description (Continued)
2.3.2.4 Power Down Mode
(PWDN_MODE)
Synchronous Power Down Mode
The PLL loop can be synchronously powered down by setting the PWDN mode bit HIGH (F2_19=1) and then asserting the power
down mode bit (N20 = 1). The power down function is gated by the charge pump. Once the power down program bit is loaded,
the part will go into power down mode upon the completion of a charge pump pulse event.
Asynchronous Power Down Mode
The PLL loop can be asynchronously powered down by setting the PWDN mode bit LOW (F2_19=0) and then asserting the
power down mode bit (N20 = 1). The power down function is NOT gated by the charge pump. Once the power down program bit
is loaded, the part will go into power down mode immediately.
2.3.3 Feedback Divide Ratio
(NB Counter)
NB_CNTR[9:0]
Divide Ratio
N_18
N_17
N_16
N_15
N_14
N_13
N_12
N_11
N_10
N_9
3
000000001
1
4
000000010
0
•
•••••••••
•
1023
111111111
1
Note: B-counter divide ratio must be
≥ 3.
NB_CNTR
≥ (NA_CNTR +2).
2.3.4 Swallow Counter Divide Ratio
(NA Counter)
NB_CNTR[4:0]
Divide Ratio
N_8
N_7
N_6
N_5
N_4
0
00000
1
00001
•
•••••
31
11111
Note: Swallow Counter Value: 0 to 31.
NB_CNTR
≥ (NA_CNTR +2).
2.3.5 Fractional Modulus Accumulator
(FRAC_CNTR)
Divide
Ratio
Divide
Ratio
FRAC_CNTR[3:0]
Modulus 15
Modulus 16
N_3
N_2
N_1
N_0
0
0
0000
1/15
1/16
0001
2/15
2/16
0010
•
•
••••
14/15
14/16
1110
N/A
15/16
1111
2.3.6 Pulse Swallow Function
f
VCO = [N+F] x [fOSC/R] where N = (PxB) + A
f
VCO:
Output frequency of external voltage controlled oscillator (VCO)
F:
Fractional ratio (contents of FRAC_CNTR divided by the fractional modulus)
B:
Preset divide ratio of binary 10-bit programmable counter (3 to 1023)
A:
Preset divide ratio of binary 5-bit swallow counter
0 < A < 31 {P=32};
0 < A < 15 {P=16};
A+2 < B
f
OSC:
Output frequency of the external reference frequency oscillator
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com