Electronic Components Datasheet Search
  English  ▼

X  

TAS5076 Datasheet(PDF) 30 Page - Texas Instruments

Part # TAS5076
Description  SIX-CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5076 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TAS5076 Datasheet HTML 26Page - Texas Instruments TAS5076 Datasheet HTML 27Page - Texas Instruments TAS5076 Datasheet HTML 28Page - Texas Instruments TAS5076 Datasheet HTML 29Page - Texas Instruments TAS5076 Datasheet HTML 30Page - Texas Instruments TAS5076 Datasheet HTML 31Page - Texas Instruments TAS5076 Datasheet HTML 32Page - Texas Instruments TAS5076 Datasheet HTML 33Page - Texas Instruments TAS5076 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
Architecture Overview
24
SLES090A—November 2003—Revised January 2004
TAS5076
2.5.1 Single-Byte Write
As shown in Figure 2−14, a single-byte data write transfer begins with the master device transmitting a start
condition followed by the I2C device address and the read/write bit. The read/write bit determines the direction
of the data transfer. For a write data transfer, the read/write bit is 0. After receiving the correct I2C device
address and the read/write bit, the TAS5076 device responds with an acknowledge bit. Next, the master
transmits the address byte or bytes corresponding to the TAS5076 internal memory address being accessed.
After receiving the address byte, the TAS5076 again responds with an acknowledge bit. Next, the master
device transmits the data byte to be written to the memory address being accessed. After receiving the data
byte, the TAS5076 again responds with an acknowledge bit. Finally, the master device transmits a stop
condition to complete the single-byte data write transfer.
A6
A5
A4
A3
A2
A1
A0
R/W ACK A7
A6
A5
A4
A3
A2
A1
A0
ACK
D7
D6
D5
D4
D3
D2
D1
D0
ACK
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
I2C Device Address and
Read/Write Bit
Register Address
Data Byte
Start
Condition
Figure 2−14. Single-Byte Write Transfer
2.5.2 Multiple-Byte Write
A multiple-byte data write transfer is identical to a single-byte data write transfer except that multiple data bytes
are transmitted by the master device to TAS5076 as shown in Figure 2−15. After receiving each data byte,
the TAS5076 responds with an acknowledge bit.
D7
D6
D1
D0 ACK
Stop
Condition
Acknowledge
I2C Device Address and
Read/Write Bit
Register Address
Last Data Byte
A6
A5
A1
A0
R/W ACK A7
A5
A1
A0
ACK D7
D6
D1
D0 ACK
Start
Condition
Acknowledge
Acknowledge
Acknowledge
First Data Byte
A4
A3
A6
Other
Data Bytes
Figure 2−15. Multiple-Byte Write Transfer
2.5.3 Single-Byte Read
As shown in Figure 2−16, a single-byte data read transfer begins with the master device transmitting a start
condition followed by the I2C device address and the read/write bit. For the data read transfer, a write followed
by a read are actually done. Initially, a write is done to transfer the address byte or bytes of the internal memory
address to be read. As a result, the read/write bit is 0. After receiving the TAS5076 address and the read/write
bit, the TAS5076 responds with an acknowledge bit. Also, after sending the internal memory address byte or
bytes, the master device transmits another start condition followed by the TAS5076 address and the read/write
bit again. This time the read/write bit is a 1 indicating a read transfer. After receiving the TAS5076 and the
read/write bit, the TAS5076 again responds with an acknowledge bit. Next, the TAS5076 transmits the data
byte from the memory address being read. After receiving the data byte, the master device transmits a not
acknowledge followed by a stop condition to complete the single-byte data read transfer.
A6
A5
A0
R/W ACK A7
A6
A5
A4
A0 ACK
A6
A5
A0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
I2C Device Address and
Read/Write Bit
Register Address
Data Byte
D7
D6
D1
D0 ACK
I2C Device Address and
Read/Write Bit
Repeat Start Condition
Not
Acknowledge
R/W
A1
A1
Figure 2−16. Single-Byte Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com