Electronic Components Datasheet Search
  English  ▼

X  

TAS5076 Datasheet(PDF) 36 Page - Texas Instruments

Part # TAS5076
Description  SIX-CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5076 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS5076 Datasheet HTML 32Page - Texas Instruments TAS5076 Datasheet HTML 33Page - Texas Instruments TAS5076 Datasheet HTML 34Page - Texas Instruments TAS5076 Datasheet HTML 35Page - Texas Instruments TAS5076 Datasheet HTML 36Page - Texas Instruments TAS5076 Datasheet HTML 37Page - Texas Instruments TAS5076 Datasheet HTML 38Page - Texas Instruments TAS5076 Datasheet HTML 39Page - Texas Instruments TAS5076 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
Serial Control Interface Register Definitions
30
SLES090A—November 2003—Revised January 2004
TAS5076
3.6
Automute Delay Register (0x05)
Table 3−7. Automute Delay Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
−
−
−
−
Unused
−
−
−
−
0
0
0
0
Set automute delay at 5 ms
−
−
−
−
0
0
0
1
Set automute delay at 10 ms
−
−
−
−
0
0
1
0
Set automute delay at 15 ms
−
−
−
−
0
0
1
1
Set automute delay at 20 ms
−
−
−
−
0
1
0
0
Set automute delay at 25 ms
−
−
−
−
0
1
0
1
Set automute delay at 30 ms
−
−
−
−
0
1
1
0
Set automute delay at 35 ms
−
−
−
−
0
1
1
1
Set automute delay at 40 ms
−
−
−
−
1
−
−
0
Set automute delay at 45 ms
−
−
−
−
1
−
−
1
Set automute delay at 50 ms
3.7
Dc-Offset Control Registers (0x06−0x0B)
Channels 1, 2, 3, 4, 5, and 6 are mapped into (0x06, 0x07, 0x08, 0x09, 0x0A, and 0x0B).
Table 3−8. Dc-Offset Control Registers
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
0
0
0
0
0
0
0
Maximum correction for positive dc offset (–1.56% FS)
0
0
0
0
0
0
0
0
No dc-offset correction
0
1
1
1
1
1
1
1
Maximum correction for negative dc offset (1.56% FS)
3.8
Interchannel Delay Registers (0x0C−0x11)
Channels 1, 2, 3, 4, 5, and 6 are mapped into (0x0C, 0x0D, 0x0E, 0x0F, 0x10, and 0x11).
The first channel delay is set at 0. Each subsequent channel has a default value that is 53 DCLKs larger than
the preceding channel.
Table 3−9. Six Interchannel Delay Registers
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
Minimum absolute delay, 0 DCLK cycles, default for channel 1 = 0x00
0
0
1
1
0
1
0
1
Default for channel 2 = 0x35
0
1
1
0
1
0
1
0
Default for channel 3 = 0x6A
1
0
0
1
1
1
1
1
Default for channel 4 = 0x9F
1
1
0
1
0
1
0
0
Default for channel 5 = 0xD4
0
0
0
0
1
0
0
1
Default for channel 6 = 0x09
1
1
1
1
1
1
1
1
Maximum absolute delay, 255 DCLK cycles
3.9
ABD Delay Register (0x12)
Table 3−10. ABD Delay Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
−
−
−
−
−
Unused
−
−
−
0
0
0
0
0
Minimum ABD delay, 0 DLCK cycles
−
−
−
1
0
1
0
0
Default ABD delay, 20 DLCK cycles
−
−
−
1
1
1
1
1
Maximum ABD delay, 31 DLCK cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com