Electronic Components Datasheet Search
  English  ▼

X  

TLC34076 Datasheet(PDF) 38 Page - Texas Instruments

Part # TLC34076
Description  Video Interface Palette
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC34076 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TLC34076 Datasheet HTML 34Page - Texas Instruments TLC34076 Datasheet HTML 35Page - Texas Instruments TLC34076 Datasheet HTML 36Page - Texas Instruments TLC34076 Datasheet HTML 37Page - Texas Instruments TLC34076 Datasheet HTML 38Page - Texas Instruments TLC34076 Datasheet HTML 39Page - Texas Instruments TLC34076 Datasheet HTML 40Page - Texas Instruments TLC34076 Datasheet HTML 41Page - Texas Instruments TLC34076 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
2–22
Sampled
LOAD
Input
SFLAG/NFLAG
of Pixel Data
Latch First Group
of Pixel Data
Latch Last Group
Valid
Don’t Care
Valid
(at its input pin)
Last Group of Pixel Data
SCLK
PIXEL DATA
BLANK
BLANK
VCLK
NOTES: A. If the data is not held valid until SCLK and BLANK both go low, the last few pixels could be missed.
B. Setup time to the next VCLK falling edge after BLANK goes high must be met; otherwise, the first
pixel data could be missed.
Group
2nd
Group
1st
Group
4th
Group
3rd
Group
5th
(see Note A)
(see Note B)
Figure 2–10. SFLAG/NFLAG Timing in Special Nibble Mode
Special nibble mode operates at the line frequency when BLANK is active. However, the typical application
of this mode is double frame buffers with pixel data width of 4 bits. While one frame buffer is being displayed
on the monitor, the other frame buffer can accept new picture information. SFLAG/NFLAG indicates which
frame buffer is being displayed.
SNM and SSRT must be mutually exclusive. Unpredictable operation occurs when both the SNM and SSRT
bits are set to 1. The mux control register should be set up as shown in Table 2– 6. However, the SNM bit
takes precedence over the other mux control register selections. In other words, when the mux control
register is set up for another mode but special nibble mode is still enabled in the general control register,
the input multiplex circuit takes whatever SCLK divide ratio the mux control register specifies and performs
the nibble operation causing operational failure.
During special nibble mode, the input mux circuit latches all 8-bit inputs but only passes on the specified
nibble. The specified nibble is stored in the four LSBs of the next register pipe after the input latch, and the
four MSBs are cleared to 0 in that register. The register pipe contents are then passed to the read mask
block. With this structure, the palette page register still functions normally, providing good flexibility to users.
When the general control register bit 3 = 0 and bit 2 = 0, both split shift-register transfers and the special
nibble mode are disabled and the SFLAG/NFLAG input is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com