Electronic Components Datasheet Search
  English  ▼

X  

TLC34076 Datasheet(PDF) 46 Page - Texas Instruments

Part # TLC34076
Description  Video Interface Palette
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC34076 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TLC34076 Datasheet HTML 42Page - Texas Instruments TLC34076 Datasheet HTML 43Page - Texas Instruments TLC34076 Datasheet HTML 44Page - Texas Instruments TLC34076 Datasheet HTML 45Page - Texas Instruments TLC34076 Datasheet HTML 46Page - Texas Instruments TLC34076 Datasheet HTML 47Page - Texas Instruments TLC34076 Datasheet HTML 48Page - Texas Instruments TLC34076 Datasheet HTML 49Page - Texas Instruments TLC34076 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
3–2
3.3
Electrical Characteristics
3.3.1
Electrical Characteristics for TLC34076C Over Operating Free-Air Temperature
Range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
IOH = –800 µA
2.4
V
V
Lll
t
t
lt
D0 – D7,
MUXOUT,
VCLK
IOL = 3.2 mA
0.4
V
VOL
Low-level output voltage
HSYNCOUT,
VSYNCOUT
IOL =15mA
0.4
V
SCLK
IOL =18mA
0.4
IIH
High level input current
TTL inputs
VI = 2.4 V
1
µA
IIH
High-level input current
ECL inputs
VI =4V
1
µA
IIL
Low level input current
TTL inputs
VI = 0.8 V
– 1
µA
IIL
Low-level input current
ECL inputs
VI = 0.4 V
– 1
µA
TLC34076-85
450
Pseudo-color
TLC34076-110
VDD = 5 V,
475
mode
TLC34076-135
DD
,
See Note 2
535
IDD
Supply
TLC34076-170
525
mA
IDD
y
current
TLC34076-85
475
mA
True-color
TLC34076-110
VDD = 5 V,
475
mode
TLC34076-135
DD
,
See Note 2
475
TLC34076-170
475
IOZ
High-impedance-state output current
10
µA
Ci
Input capacitance
TTL inputs
f = 1 MHz, VI = 2.4 V
4
pF
Ci
Input capacitance
ECL inputs
f = 1 MHz, VI =4V
4
pF
† All typical values are at VDD = 5 V, TA = 25°C.
NOTE 2: IDD is measured with the dot clock running at the maximum specified frequency, SCLK frequency =
DOTCLK frequency/4, and the palette RAM loaded with full-range toggling patterns (00h/00h/FFh/FFh/00h/
00h/FFh/FFh/ . . .). Pseudo-color mode is also known as color indexing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com