Electronic Components Datasheet Search
  English  ▼

X  

TLC34076 Datasheet(PDF) 39 Page - Texas Instruments

Part # TLC34076
Description  Video Interface Palette
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC34076 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLC34076 Datasheet HTML 35Page - Texas Instruments TLC34076 Datasheet HTML 36Page - Texas Instruments TLC34076 Datasheet HTML 37Page - Texas Instruments TLC34076 Datasheet HTML 38Page - Texas Instruments TLC34076 Datasheet HTML 39Page - Texas Instruments TLC34076 Datasheet HTML 40Page - Texas Instruments TLC34076 Datasheet HTML 41Page - Texas Instruments TLC34076 Datasheet HTML 42Page - Texas Instruments TLC34076 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
2–23
2.10 MUXOUT Output
MUXOUT is a TTL-compatible output. It is software programmable and controls external devices. Its typical
application is to select the HSYNC and VSYNC inputs between the VGA pass-through mode and the normal
modes. This output is driven low at power up or when the VGA pass-through mode is selected; at any other
time it can be programmed to the desired polarity through the general control register bit 7.
2.11 General Control Register
The general control register controls HSYNC and VSYNC polarity, split shift register transfer enabling,
special nibble mode, little-endian and big-endian modes, sync control, the ones-accumulation clock source,
and the VGA pass-through indicator. The bit field definitions are given in Table 2–11:
Table 2–11. General Control Register Bit Functions
GENERAL CONTROL REGISTER BIT
FUNCTION
7
654
3210
FUNCTION
X
X
X
X
X
X
X
0
HSYNCOUT is active-low
X
X
X
X
X
X
X
1
HSYNCOUT is active-high (default)
X
X
X
X
X
X
0
X
VSYNCOUT is active-low
X
X
X
X
X
X
1
X
VSYNCOUT is active-high (default)
X
X
X
X
X
0
X
X
Disable split shift register transfer (default)
X
X
X
X
0
1
X
X
Enable split shift register transfer
X
X
X
X
0
X
X
X
Disable special nibble mode (default)
X
X
X
X
1
0
X
X
Enable special nibble mode
X
X
X
0
X
X
X
X
0-IRE pedestal (default)
X
X
X
1
X
X
X
X
7.5-IRE pedestal
X
X
0
X
X
X
X
X
Disable sync (default)
X
X
1
X
X
X
X
X
Enable sync
X
0
X
X
X
X
X
X
Little-endian mode (default)
X
1
X
X
X
X
X
X
Big-endian mode
0
X
X
X
X
X
X
X
MUXOUT is low (default)
1
X
X
X
X
X
X
X
MUXOUT is high
2.11.1
HSYNCOUT and VSYNCOUT (Bits 0 and 1)
HSYNCOUT and VSYNCOUT polarity inversion is provided to allow indication to monitors of the current
screen resolution. Since the polarities for the VGA pass-through mode are provided at the feature connector,
the inputs to the TLC34076 already have right polarities for monitors, so the TLC34076 passes them through
with pipeline delay (see Section 2.8). These 2 bits work only in the normal modes, and the input horizontal
and vertical syncs are active-low incoming pulses. These 2 bits default to 1 but can be changed by software.
2.11.2
Split Shift Register Transfer Enable (SSRT) and Special Nibble Mode Enable
(SNM) (Bits 2 and 3)
Section 2.9 provides a detailed description for SSRT and SNM.
2.11.3
Pedestal Enable Control (Bit 4)
Bit 4 specifies whether a 0- or 7.5-IRE blanking pedestal is to be generated on the video outputs. Having
a 0-IRE blanking pedestal means that the Black and Blank levels are the same.
•
0 = 0-IRE pedestal (default)
•
1 = 7.5-IRE pedestal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com