Electronic Components Datasheet Search
  English  ▼

X  

ML9058E Datasheet(PDF) 14 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Description  132-Channel LCD Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet(HTML) 14 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9058E Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
14/76
 Reset input timing
[VDD = 4.5 to 5.5 V, Tj = –40 to +85°C]
Rated value
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Reset time
tR
0.5
Reset “L” pulse width
tRW
0.5
µs
[VDD = 3.7 to 4.5 V, Tj = –40 to +85°C]
Rated value
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Reset time
tR
1
Reset “L” pulse width
tRW
1
µs
Note 1:
The input signal rise and fall times (tr, tf) are specified as 15 ns or less.
Note 2:
All timings are specified taking the levels of 20% and 80% of VDD as the reference.
RES
Internal state
Being reset
Reset complete
tRW
tR
tf
tr
VIH
VIL
VIL
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com