| Electronic Components Datasheet Search |
|
ML9058E Datasheet(PDF) 46 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML9058E Datasheet(HTML) 46 Page - LAPIS Semiconductor Co., Ltd. |
|
46 / 76 page ![]() FEDL9058E-01 LAPIS Semiconductor ML9058E 46/76 Read Modify Write (Write) This command is used in combination with the End command. When this command is issued once, the column address is not changed when the Display data read command is issued, but is incremented (by +1) only when the Display data write command is issued. This condition is maintained until the End command is issued. When the End command is issued, the column address is restored to the address that was effective at the time the Read-modify-write command was issued last. Using this function, it is possible to reduce the overhead on the MPU when repeatedly changing the data in special display area such as a blinking cursor. A0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 1 1 1 0 0 0 0 0 End (Write) This command releases the read-modify-write mode and restores the column address to the value at the beginning of the mode. A0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 1 1 1 0 1 1 1 0 Read-modify-write mode set N N+1 N+2 N + 3 .... N+m N Column address End Restored Reset (Write) This command initializes the display start line number, column address, page address, common output state, voltage V1 adjustment internal resistor ratio, electronic potentiometer function, and the static indicator function, and also releases the read-modify-write mode or the test mode. This command does not affect the contents of the display data RAM. The reset operation is made after issuing the reset command. The initialization after switching on the power is carried out by the reset signal input to the RES pin. A0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 1 1 1 0 0 0 1 0 Common Output State Select (Write) This command is used for selecting the scanning direction of the common output pins. Scanning direction A0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Forward COM0 COM63 0 1 1 0 0 0 * * * Reverse COM63 COM0 0 1 1 0 0 1 * * * *: Invalid data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |