Electronic Components Datasheet Search
  English  ▼

X  

ML9058E Datasheet(PDF) 45 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Description  132-Channel LCD Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet(HTML) 45 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9058E Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
45/76
ADC Select (Segment driver direction select) (Write)
Using this command it is possible to reverse the relationship of correspondence between the column address of the
display data RAM and the segment driver output. It is possible to reverse the sequence of the segment driver
output pin by the command.
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Forward
0
1
0
1
0
0
0
0
0
Reverse
0
1
0
1
0
0
0
0
1
Forward/Reverse Display Mode (Write)
It is possible to toggle the display on and off condition without changing the contents of the display data RAM. In
this case, the contents of the display data RAM will be retained.
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
RAM Data
Forward
0
1
0
1
0
0
1
1
0
Display on when “H”
Reverse
0
1
0
1
0
0
1
1
1
Display on when “L”
LCD Display All-on ON/OFF (Write)
Using this command, it is possible to forcibly turn ON all the dots in the display irrespective of the contents of the
display data RAM. In this case, the contents of the display data RAM will be retained.
This command is given priority over the Forward/reverse display mode command.
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
All-on display OFF
(Normal display)
0
1
0
1
0
0
1
0
0
All-on display ON
0
1
0
1
0
0
1
0
1
The power save mode will be entered into when the Display all-on ON command is executed in the display OFF
condition.
LCD Bias Set (Write)
This command is used for selecting the bias ratio of the voltage necessary for driving the LCD device or panel.
LCD bias
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
1/9 bias
0
1
0
1
0
0
0
1
0
1/7 bias
0
1
0
1
0
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com