| Electronic Components Datasheet Search |
|
ML9058E Datasheet(PDF) 48 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML9058E Datasheet(HTML) 48 Page - LAPIS Semiconductor Co., Ltd. |
|
48 / 76 page ![]() FEDL9058E-01 LAPIS Semiconductor ML9058E 48/76 Electronic potentiometer register set (Write) By setting a 6-bit data in the electronic potentiometer register using this command, it is possible to set the LCD drive voltage V1 to one of the 64 voltage levels. The electronic potentiometer mode is released after some data has been set in the electronic potentiometer register using this command. A0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 63 0 * * 0 0 0 0 0 1 62 0 * * 0 0 0 0 0 1 61 0 * * 0 0 0 0 1 0 60 0 * * 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 * * 1 1 1 1 1 1 *: Invalid data Set the data (*, *, 1, 0, 0, 0, 0, 0) when not using the electronic potentiometer function. Sequence of setting the electronic potentiometer register: Static Indicator (2-byte command) This command is used for controlling the static drive type indicator display. Static indicator display is controlled only by this command and is independent of all other display control commands. Since the Static indicator ON command is a two-byte command used in combination with the static indictor register set command, these two commands should always be used together. (The Static indicator OFF command is a single byte command.) Electronic potentiometer mode set Electronic potentiometer register set The electronic potentiometer mode is released |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |