Electronic Components Datasheet Search
  English  ▼

X  

ML9058E Datasheet(PDF) 53 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9058E
Description  132-Channel LCD Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9058E Datasheet(HTML) 53 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9058E Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML9058E Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
53/76
Initialized Condition Using the
RES pin
This LSI goes into the initialized condition when the RES input goes to the “L” level. The initialized condition
consists of the following conditions.
(1)
Display OFF
(2)
Forward display mode
(3)
ADC select: Incremented (ADC command DB0 = “L”)
(4)
Power control register: (DB2, DB1, DB0) = (0, 0, 0)
(5)
The registers and data in the serial interface are cleared.
(6)
LCD Power supply bias ratio: 1/9 bias
(7)
All display dots OFF
(8)
Read-modify-write: OFF
(9)
Static indicator: OFF
Static indicator register: (DB1, DB0) = (0, 0)
(10) Line 1 is set as the display start line.
(11) The column address is set to address 0.
(12) The page address is set to 0.
(13) Common output state: Forward
(14) Voltage V1 adjustment internal resistor ratio register: (DB2, DB1, DB0) = (1, 0, 0)
(15) The electronic potentiometer register set mode is released.
Electronic potentiometer register: (DB5, DB4, DB3, DB2, DB1, DB0) = (1, 0, 0 ,0, 0, 0)
(16) The LCD drive method is set to the frame reversal drive.
Line reversal number register: (DB4, DB3, DB2, DB1, DB0) = (1, 0, 0, 0, 0)
On the other hand, when the reset command is used, only the conditions (8) to (15) above are set.
As is shown in the “MPU Interface (example for reference)”, the RES pin is connected to the Reset pin of the MPU
and the initialization of this LSI is made simultaneously with the resetting of the MPU. This LSI always has to be
reset using the RES pin at the time the power is switched ON. Also, excessive current can flow through this LSI
when the control signal from the MPU is in the high impedance state. It is necessary to take measures to ensure
that the input pins of this LSI do not go into the high impedance state after the power has been switched ON. When
the built-in LCD drive power supply circuit of the ML9058E is not used, it is necessary that RES = “L” when the
external LCD drive power supply goes ON. During the period when RES = “L”, although the oscillator circuit is
operating, the display timing generator would have stopped and the pins CL, FR, FRS, and DOF would have been
tied to the “H” level. There is no effect on the pins DB0 to DB7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com