Electronic Components Datasheet Search
  English  ▼

X  

ML9209 Datasheet(PDF) 7 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9209
Description  Vacuum fluorescent display tube controller driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9209 Datasheet(HTML) 7 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9209 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
FEDL9209-01
LAPIS Semiconductor
ML9209-xx
7/29
DC Characteristics-2
(VDD = 3.3 V10%, VFL = VDD – 42 V, Ta = –40 to +85C, unless otherwise specified)
Parameter
Symbol
Applied pin
Condition
Min.
Max.
Unit
High Level Input Voltage
VIH
CS, CP,
DA,
RESET
—
0.8 VDD
—
V
Low Level Input Voltage
VIL
CS, CP,
DA,
RESET
—
—
0.2 VDD
V
High Level Input Current
IIH
CS, CP,
DA,
RESET
VIH = VDD
–1.0
1.0
A
Low Level Input Current
IIL
CS, CP,
DA,
RESET
VIL = 0.0 V
–1.0
1.0
A
VOH1
COM1–16
IOH1 = –30 mA
VDD – 1.5
—
V
VOH2
AD1–2
IOH2 = –15 mA
VDD – 1.5
—
V
High Level Output
Voltage
VOH3
SEG1–16
IOH3 = –6 mA
VDD – 1.5
—
V
Low Level Output
Voltage
VOL1
COM1–16
AD1–2
SEG1–16
—
—
VFL + 1.0
V
IDD1
Duty = 15/16
Digit =1–16
All output lights ON
—
3
mA
Supply Current
IDD2
VDD
fOSC =
2 MHz,
no load
Duty = 0/16
Digit = 1–8
All output lights
OFF
—
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com