Electronic Components Datasheet Search
  English  ▼

X  

ML9209 Datasheet(PDF) 13 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9209
Description  Vacuum fluorescent display tube controller driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9209 Datasheet(HTML) 13 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9209 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
FEDL9209-01
LAPIS Semiconductor
ML9209-xx
13/29
Description of Commands and Functions
1. “DCRAM data write” command
(Specifies the address of DCRAM and writes the character code of CGROM and CGRAM.)
DCRAM (Data Control RAM) has a 4-bit address to store character codes of CGROM and CGRAM.
A character code specified by DCRAM is converted to an alphanumeric character pattern via CGROM or
CGRAM.
The DCRAM can store 16 characters worth of character codes.
[Command format]
X0 X1 X2 X3
1
0
0
0
B0 B1 B2 B3 B4 B5 B6 B7
1st byte
(1st)
LSB
MSB
C0 C1 C2 C3 C4 C5 C6 C7
B0 B1 B2 B3 B4 B5 B6 B7
2nd byte
(2nd)
LSB
MSB
: Setup and DCRAM address in the write mode
of DCRAM data are specified.
(Example: Specify DCRAM address 0H.)
: Specify character code of CGROM and CGRAM.
(It is written into DCRAM address 00H.)
To specify the character code of CGROM and CGRAM to the next address continuously, specify only character
code as follows.
Since the address of DCRAM is automatically incremented, address specification is unnecessary.
C0 C1 C2 C3 C4 C5 C6 C7
B0 B1 B2 B3 B4 B5 B6 B7
2nd byte
(3rd)
LSB
MSB
C0 C1 C2 C3 C4 C5 C6 C7
B0 B1 B2 B3 B4 B5 B6 B7
2nd byte
(4th)
LSB
MSB
: Specify character code of CGROM and CGRAM.
(It is written into DCRAM address 1H.)
: Specify character code of CGROM and CGRAM.
(It is written into DCRAM address 2H.)
B0 B1 B2 B3 B4 B5 B6 B7
2nd byte
(17th)
LSB
MSB
C0 C1 C2 C3 C4 C5 C6 C7
B0 B1 B2 B3 B4 B5 B6 B7
2nd byte
(18th)
LSB
MSB
: Specify character code of CGROM and CGRAM.
(It is written into DCRAM address FH.)
: Specify character code of CGROM and CGRAM.
(It is rewritten into DCRAM address 0H.)
C0 C1 C2 C3 C4 C5 C6 C7
X0 (LSB) to X3 (MSB): DCRAM address (4 bits: 16 characters worth)
C0 (LSB) to C7 (MSB): Character code of CGROM and CGRAM (8 bits: 256 characters worth)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com