Electronic Components Datasheet Search
  English  ▼

X  

ML9209 Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9209
Description  Vacuum fluorescent display tube controller driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9209 Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML9209 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LAPIS Semiconductor
FEDL9209-01
Issue Date: Oct. 20, 2004
ML9209-xx
Vacuum fluorescent display tube controller driver
1/29
GENERAL DESCRIPTION
The ML9209-xx is an alphanumeric type vacuum fluorescent display (VFD) tube controller driver IC which can
display alphanumeric characters, symbols, and bar charts.
Vacuum fluorescent display tube drive signals are generated by serial data sent from a micro-controller. A
display system is easily realized by internal ROM and RAM for character display.
-01 is available as a general-purpose code.
Custom codes are provided on customer’s request.
FEATURES
 Logic power supply and vacuum fluorescent display tube driving power supply (V
DD)
: 3.3 V
10% or 5.0 V10%
 Vacuum fluorescent display tube driving power supply (V
FL)
: VDD – 20 V to VDD – 42 V
 VFD driver output current
(VFD driver output can be connected directly to the VFD tube.
No pull-down resistor is required.)
• Segment driver (SEG1–16)
: –6 mA (VFL = VDD – 42 V)
• Segment driver (AD1, 2)
: –15 mA (VFL = VDD – 42 V)
• Grid driver (COM1–16)
: –30 mA (VFL = VDD – 42 V)
 Content of display
• CGROM
: 16 segments
240 types (character data)
• CGRAM
: 16 segments
16 types (character data)
• ADRAM
: 16 (display digit)
 2 bits (symbol data)
• DCRAM
: 16 (display digit)
 8 bits (register for character data display)
 Display control function
• Display digits
: 1 to 16 digits
• Display duty (brightness adjustment)
: 16 stages
• All display lights ON/OFF
 Four interfaces with microcontroller:
DA,
CS, CP, RESET
 Instruction executable with 1 byte (excluding data write for each RAM)
 Built-in oscillation circuit (resistor & capacitor connected externally)
 Package options:
44-pin plastic QFP (QFP44-P-910-0.80-2K) (ML9209-xxGA)


Similar Part No. - ML9209

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9209 OKI-ML9209 Datasheet
384Kb / 29P
Vacuum fluorescent display tube controller driver
ML9209-01 OKI-ML9209-01 Datasheet
384Kb / 29P
Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9209-01 ETC2-ML9209-01 Datasheet
437Kb / 29P
Vacuum fluorescent display tube controller driver
logo
OKI electronic componet...
ML9209-XX OKI-ML9209-XX Datasheet
383Kb / 29P
Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
Vacuum fluorescent display tube controller driver
More results

Similar Description - ML9209

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9209 OKI-ML9209 Datasheet
384Kb / 29P
Vacuum fluorescent display tube controller driver
ML9209-XX OKI-ML9209-XX Datasheet
383Kb / 29P
Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9209-01 ETC2-ML9209-01 Datasheet
437Kb / 29P
Vacuum fluorescent display tube controller driver
ML9286-03 ETC2-ML9286-03 Datasheet
425Kb / 37P
Vacuum fluorescent display tube controller driver
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
Vacuum fluorescent display tube controller driver
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
Vacuum fluorescent display tube controller driver
ML9286-XX ETC2-ML9286-XX Datasheet
425Kb / 37P
Vacuum fluorescent display tube controller driver
ML9289-XX ETC2-ML9289-XX Datasheet
471Kb / 31P
Vacuum fluorescent display tube controller driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
Vacuum fluorescent display tube controller driver
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com