Electronic Components Datasheet Search
  English  ▼

X  

ML9209 Datasheet(PDF) 5 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9209
Description  Vacuum fluorescent display tube controller driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9209 Datasheet(HTML) 5 Page - LAPIS Semiconductor Co., Ltd.

  ML9209 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
FEDL9209-01
LAPIS Semiconductor
ML9209-xx
5/29
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage (1)
VDD
—
–0.3 to +6.5
V
Supply Voltage (2)
VFL
—
VDD – 45
V
Input Voltage
VlN
—
–0.3 to VDD+0.3
V
Power Dissipation
PD
Ta
25C
541
mW
Storage
Temperature
TSTG
—
–55 to +150
C
lO1
COM1–16
–40 to 0.0
mA
lO2
AD1–2
–20 to 0.0
mA
Output Current
IO3
SEG1–16
–10 to 0.0
mA
RECOMMENDED OPERATING CONDITIONS-1
When the unit power supply voltage is 5.0 V (typ.)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage (1)
VDD
—
4.5
5.0
5.5
V
Supply Voltage (2)
VFL
—
VDD –42
—
VDD–20
V
High Level Input Voltage
VIH
All input pins except OSC0
0.7 VDD
—
—
V
Low Level Input Voltage
VIL
All input pins except OSC0
—
—
0.3 VDD
V
CP frequency
fC
—
—
—
2.0
MHz
Self-oscillation frequency
fOSC
R1 = 8.2 k5%, C1 = 82 pF5%
1.4
2.0
2.6
MHz
Frame Frequency
fFR
DIGIT = 1 to16, R1 = 8.2 k5%,
C1 = 82 pF5%
170
244
318
Hz
Operating Temperature
Top
—
–40
—
85
C
RECOMMENDED OPERATING CONDITIONS-2
When the unit power supply voltage is 3.3 V (typ.)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage (1)
VDD
—
3.0
3.3
3.6
V
Supply Voltage (2)
VFL
—
VDD–42
—
VDD–20
V
High Level Input Voltage
VIH
All input pins except OSC0
0.8 VDD
—
—
V
Low Level Input Voltage
VIL
All input pins except OSC0
—
—
0.2 VDD
V
CP frequency
fC
—
—
—
2.0
MHz
Self-oscillation frequency
fOSC
R1 = 6.8 k5%, C1 = 82 pF5%
1.4
2.0
2.6
MHz
Frame Frequency
fFR
DIGIT = 1 to 16,
R1 = 6.8 k5%, C1 = 82 pF5%
170
244
318
Hz
Operating Temperature
Top
—
–40
—
85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com