Electronic Components Datasheet Search
  English  ▼

X  

ML9209 Datasheet(PDF) 19 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9209
Description  Vacuum fluorescent display tube controller driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9209 Datasheet(HTML) 19 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9209 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML9209 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
FEDL9209-01
LAPIS Semiconductor
ML9209-xx
19/29
5. “Display duty set” command
(Writes display duty value into the duty cycle register.)
For display duty, brightness can be adjusted in 16 stages using 4-bit data.
When power is turned on or when the
RESET signal is input, the duty cycle register value is “0”. Always
execute this command before turning the display on, then set a desired duty value.
[Command format]
D0 D1 D2 D3 1
0
1
0
B0 B1 B2 B3 B4 B5 B6 B7
1st byte
LSB
MSB
: setup and duty value in display duty specification mode are
specified.
D0 (LSB) to D3 (MSB) :
Display duty data (4 bits: 16 stages worth)
[Relation between setup data and controlled COM duty]
HEX
D0
D1
D2
D3
COM duty
HEX
D0
D1
D2
D3
COM duty
0
0
0
0
0
0/16
0
0
0
0
1
8/16
1
1
0
0
0
1/16
1
1
0
0
1
9/16
2
0
1
0
0
2/16
2
0
1
0
1
10/16
3
1
1
0
0
3/16
3
1
1
0
1
11/16
4
0
0
1
0
4/16
4
0
0
1
1
12/16
5
1
0
1
0
5/16
5
1
0
1
1
13/16
6
0
1
1
0
6/16
6
0
1
1
1
14/16
7
1
1
1
0
7/16
7
1
1
1
1
15/16
* The state when power is turned on or when the RESET signal is input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com