Electronic Components Datasheet Search
  English  ▼

X  

TDA8757 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8757
Description  Triple 8-bit ADC 170 Msps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8757 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8757 Datasheet HTML 4Page - NXP Semiconductors TDA8757 Datasheet HTML 5Page - NXP Semiconductors TDA8757 Datasheet HTML 6Page - NXP Semiconductors TDA8757 Datasheet HTML 7Page - NXP Semiconductors TDA8757 Datasheet HTML 8Page - NXP Semiconductors TDA8757 Datasheet HTML 9Page - NXP Semiconductors TDA8757 Datasheet HTML 10Page - NXP Semiconductors TDA8757 Datasheet HTML 11Page - NXP Semiconductors TDA8757 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Philips Semiconductors
TDA8757
Triple 8-bit ADC 170 Msps
Preliminary data
Rev. 07 — 28 February 2002
8 of 37
9397 750 09457
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
AGCR
5
red channel AGC output
BOTR
6
red channel ladder decoupling input (BOT)
GAINCR
7
red channel gain capacitor input
CLPR
8
red channel clamp capacitor input
DECR
9
red channel regulator decoupling input
VCCA(R)
10
red channel analog supply voltage
INR
11
red channel analog input
n.c.
12
not connected
AGNDR
13
red channel gain analog ground
n.c.
14
not connected
AGCG
15
green channel AGC output
BOTG
16
green channel ladder decoupling input (BOT)
GAINCG
17
green channel gain capacitor input
CLPG
18
green channel clamp capacitor input
DECG
19
green channel regulator decoupling input
VCCA(G)
20
green channel analog supply voltage
ING
21
green channel analog input
AGNDG
22
green channel gain analog ground
INSOG
23
sync on green channel input
SOGO
24
composite sync output
n.c.
25
not connected
AGCB
26
blue channel AGC output
BOTB
27
blue channel ladder decoupling input (BOT)
GAINCB
28
blue channel gain capacitor input
CLPB
29
blue channel clamp capacitor input
DECB
30
blue channel regulator decoupling input
VCCA(B)
31
blue channel analog supply voltage
INB
32
blue channel analog input
AGNDB
33
blue channel gain analog ground
n.c.
34
not connected
n.c.
35
not connected
n.c.
36
not connected
I2C/3W
37
selection input between I2C-bus (active HIGH) and 3W-bus
(active LOW)
A1
38
I2C-bus address control input 1
A2
39
I2C-bus address control input 2
TCK
40
scan test mode input (active HIGH)
TDO
41
scan test output
DIS
42
I2C-bus and 3W-bus disable control input (disable at HIGH
level)
SEN
43
select enable input for 3W-bus
Table 3:
Pin description…continued
Symbol
Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com