Electronic Components Datasheet Search
  English  ▼

X  

TDA8757 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8757
Description  Triple 8-bit ADC 170 Msps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8757 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8757 Datasheet HTML 1Page - NXP Semiconductors TDA8757 Datasheet HTML 2Page - NXP Semiconductors TDA8757 Datasheet HTML 3Page - NXP Semiconductors TDA8757 Datasheet HTML 4Page - NXP Semiconductors TDA8757 Datasheet HTML 5Page - NXP Semiconductors TDA8757 Datasheet HTML 6Page - NXP Semiconductors TDA8757 Datasheet HTML 7Page - NXP Semiconductors TDA8757 Datasheet HTML 8Page - NXP Semiconductors TDA8757 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Philips Semiconductors
TDA8757
Triple 8-bit ADC 170 Msps
Preliminary data
Rev. 07 — 28 February 2002
4 of 37
9397 750 09457
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
6.
Block diagram
Fig 1.
Block diagram.
FCE694
ADC
REGULATOR
CLAMP
RED CHANNEL
A0R to A7R
CLPR
CLP
7
11
9
3
15
17
21
19
26
28
32
30
38
39
43
47
44
42
37
132
4
2
130
141
140
136
135
133
134
124
123
70
71 to 78
58 to 65
27
29
91
79 to 86
92 to 99
16
18
129
113
100 to 107
114 to 121
6
8
131
5
B0R to B7R
ORR
GREEN CHANNEL
BLUE CHANNEL
TDA8757
OUTPUT
GAINCR
BOTR
A0G to A7G
CLPG
B0G to B7G
ORG
BOTG
A0B to A7B
CLPB
B0B to B7B
ORB
8
8
8
8
8
8
CKADC
HSYNCI
CKDATA
CKREFO
CKEXT
INV
COAST
CKREF
BOTB
OE
DEC1
HSYNC
DEC2 PD
CZ
CP
AGCR
INR
DECR
GAINCG
AGCG
ING
DECG
GAINCB
AGCB
INB
INSOG
SOGO
DECB
VREF
A1
A2
SEN
SCL
SDA
DIS
I2C/3W
SERIAL
INTERFACE
I2C-BUS
or
3W-BUS
SYNCHRO
EXTRACTOR
23
24
MUX
I2C-bus
PLL
1-bit
(Hlevel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com