Electronic Components Datasheet Search
  English  ▼

X  

TDA8757 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8757
Description  Triple 8-bit ADC 170 Msps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8757 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8757 Datasheet HTML 1Page - NXP Semiconductors TDA8757 Datasheet HTML 2Page - NXP Semiconductors TDA8757 Datasheet HTML 3Page - NXP Semiconductors TDA8757 Datasheet HTML 4Page - NXP Semiconductors TDA8757 Datasheet HTML 5Page - NXP Semiconductors TDA8757 Datasheet HTML 6Page - NXP Semiconductors TDA8757 Datasheet HTML 7Page - NXP Semiconductors TDA8757 Datasheet HTML 8Page - NXP Semiconductors TDA8757 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Philips Semiconductors
TDA8757
Triple 8-bit ADC 170 Msps
Preliminary data
Rev. 07 — 28 February 2002
3 of 37
9397 750 09457
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
5.
Ordering information
DRPLL
PLL divider ratio
100
−
4095
Ptot
total power dissipation
fclk = 170 MHz;sinusoidal
input
−
1.5
−
W
jPLL(max)(p-p)
maximum PLL phase jitter
(peak-to-peak value)
fclk = 170 MHz
−
360
−
ps
Table 1:
Quick reference data…continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2:
Ordering information
Type number
Package
Name
Description
Version
TDA8757HL
HLQFP144
plastic, heatsink low profile quad flat package; 144 leads;
body 20
× 20 × 1.4 mm
SOT612-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com