Electronic Components Datasheet Search
  English  ▼

X  

TDA8757 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA8757
Description  Triple 8-bit ADC 170 Msps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8757 Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA8757 Datasheet HTML 1Page - NXP Semiconductors TDA8757 Datasheet HTML 2Page - NXP Semiconductors TDA8757 Datasheet HTML 3Page - NXP Semiconductors TDA8757 Datasheet HTML 4Page - NXP Semiconductors TDA8757 Datasheet HTML 5Page - NXP Semiconductors TDA8757 Datasheet HTML 6Page - NXP Semiconductors TDA8757 Datasheet HTML 7Page - NXP Semiconductors TDA8757 Datasheet HTML 8Page - NXP Semiconductors TDA8757 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TDA8757
Triple 8-bit ADC 170 Msps
Rev. 07 — 28 February 2002
Preliminary data
1.
General description
The TDA8757 is a triple 8-bit ADC for the digitizing of large bandwidth RGB/YUV
signals at a sampling rate up to 170 Msps.
The IC supports display resolutions up to 1600
× 1200 (UXGA) at 60 Hz.
The IC also includes a PLL that can be locked to the horizontal line frequency and
generates the ADC clock. The PLL jitter is minimized for high resolution PC graphics
applications. An external clock signal can also be used to clock the ADC.
The outputs are available either on one port up to 110 Msps or on two ports up to
170 Msps. The operating mode is selectable with the serial interface to for either
I2C-bus or 3-wire serial bus (3W-bus) operation.
The clamp level, the gain and the other settings are controllable through the serial
interface.
2.
Features
s Triple 8-bit ADC
s Sampling rate up to 170 Msps
s IC controllable by a serial interface which can be I2C-bus or 3W-bus, selected by a
TTL input pin
s Three clamps for programming a clamping code from
−63.5 to +64 in steps of
1
⁄
2 LSB (RGB) and from +120 to +136 in steps of
1
⁄
2 LSB (YUV)
s Three controllable amplifiers: gain controlled by the serial interface to produce a
full-scale resolution of 1
⁄
2 LSB peak-to-peak
s Amplifier bandwidth of 250 MHz
s Low gain variation with temperature
s PLL controllable through the serial interface to generate the ADC clock which can
be locked to any line frequency of 15 to 150 kHz
s Integrated PLL divider
s Programmable phase clock adjustment cells
s Internal voltage regulators
s TTL compatible digital inputs and outputs
s Outputs on one port or demultiplexed on two ports; selectable with the serial
interface
s Chip enable, high-impedance ADC output
s Power-down mode
s 1.5 W power dissipation
s Sync on green extractor.


Similar Part No. - TDA8757

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8751T PHILIPS-TDA8751T Datasheet
131Kb / 24P
QPSK receiver
1999 Aug 20
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH PHILIPS-TDA8752AH Datasheet
209Kb / 36P
Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH/6 PHILIPS-TDA8752AH/6 Datasheet
209Kb / 36P
Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
More results

Similar Description - TDA8757

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT84AD004 ATMEL-AT84AD004 Datasheet
1,023Kb / 58P
DUAL 8 BIT 500 MSPS ADC
TS8308500 ATMEL-TS8308500 Datasheet
491Kb / 50P
ADC 8-bit 500 Msps
logo
Texas Instruments
ADS5525 TI-ADS5525 Datasheet
806Kb / 48P
12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
Motorola, Inc
MC44250 MOTOROLA-MC44250 Datasheet
1Mb / 17P
Triple 8-Bit Video ADC
logo
Analog Devices
AD9239 AD-AD9239 Datasheet
1Mb / 40P
Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9634 AD-AD9634 Datasheet
1Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9639BCPZ-170 AD-AD9639BCPZ-170 Datasheet
855Kb / 36P
Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
REV. B
logo
Texas Instruments
ADS5525 TI1-ADS5525_14 Datasheet
2Mb / 59P
12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI1-ADS5545_13 Datasheet
2Mb / 59P
14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
Analog Devices
AD9731 AD-AD9731_17 Datasheet
91Kb / 5P
10-Bit, 170 MSPS, DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com